Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet (PDF) - Texas Instruments

LM5145 Datasheet PDF - Texas Instruments
Part # LM5145
Download  LM5145 Download
File Size   3317.38 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation

LM5145 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM5145 Datasheet PDF - Texas Instruments

Part # LM5145
Download  LM5145 Click to download

File Size   3317.38 Kbytes
Page   60 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation

LM5145 Datasheet (HTML) - Texas Instruments


LM5145 Product details

1 Features
• Versatile synchronous buck DC/DC controller
– 4V to 42V wide input voltage range
– Fixed 3.3V, 5V or adjustable output voltage
from 0.8V to 36V
– –40°C to 150°C junction temperature range
– Integrated high-current MOSFET gate drivers
with 1.65A source and 2.4A sink capability
– Lossless inductor DCR or shunt current sensing
– 25ns tON(min) for high VIN to VOUT conversion
– 80ns tOFF(min) for high duty-cycle applications
– 10μA no-load sleep quiescent current
– 2.3μA shutdown quiescent current
• Optimized for CISPR 25 Class 5 EMI requirements
– Dual Random Spread Spectrum (DRSS) with
5% or 10% frequency modulation
– 100kHz to 3.2MHz switching frequency
– Optional synchronization to an external clock
– Selectable PFM or FPWM operation
• Inherent protection features for robust design
– Hiccup-mode overcurrent protection
– Precision enable input and open-drain PGOOD
indicator for sequencing and control
– VCC and gate-drive UVLO protection
– Fixed 3ms output voltage soft start
– Thermal shutdown protection with hysteresis
• 16-pin, 3mm × 3mm package with wettable flanks
• Create a custom design using the LM25139 device
with the WEBENCH® Power Designer

2 Applications
• Personal electronics: computer peripherals
• Industrial: 24V bus systems, power delivery
• Enterprise systems: high-performance computing

3 Description
The LM25139 is a 42V, synchronous, buck DC/DC
controller with ultra-low IQ for single-output, highcurrent
regulator circuits. Deriving from a family
of wide-VIN range controllers, the device uses
a peak current-mode control architecture for fast
transient response, convenient loop compensation,
and excellent load and line regulation performance.
A high-side switch minimum on time of 25ns provides
large step-down ratios, enabling the direct conversion
from 12V and 24V inputs to low-voltage rails for
reduced system design cost and complexity. The
LM25139 continues to operate during input voltage
dips as low as 4V, at nearly 100% duty cycle if
needed, making the device an excellent choice for
high-performance applications.
The LM25139 comes in a thermally enhanced, 16-
pin VQFN package with wettable flank pins and an
exposed pad to aid in thermal dissipation.




Similar Part No. - LM5145

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5145 TI1-LM5145 Datasheet
2Mb / 67P
6-V to 75-V Synchronous Buck DC-DC Controller With Wide Duty Cycle Range
LM5145 TI-LM5145 Datasheet
4Mb / 62P
LM5145-Q1 Automotive 75-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145 TI-LM5145 Datasheet
2Mb / 55P
LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
LM5145 TI-LM5145 Datasheet
4Mb / 69P
LM25143 3.5-V to 42-V Dual Synchronous Buck DC/DC Controller With Ultra-Low IQ
MARCH 2022
LM5145 TI-LM5145 Datasheet
5Mb / 70P
LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
More results


Similar Description - LM5145

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC2573 AIC-AIC2573 Datasheet
373Kb / 13P
Synchronous Buck DC/DC Controller
logo
Linear Technology
LT8391EFE LINER-LT8391EFE Datasheet
753Kb / 8P
60V Synchronous 4-Switch Buck-Boost Led Controller with Spread Spectrum
LT8390 LINER-LT8390 Datasheet
1Mb / 32P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
LT8390A LINER-LT8390A Datasheet
1Mb / 30P
60V 2MHz Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Texas Instruments
LM25148-Q1 TI-LM25148-Q1 Datasheet
5Mb / 53P
LM25148-Q1 42-V Automotive Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
LM25148 TI-LM25148 Datasheet
5Mb / 64P
LM25148 42-V Synchronous Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
DECEMBER 2021
logo
Analog Devices
LT8392 AD-LT8392 Datasheet
2Mb / 28P
60V Synchronous 4-Switch Buck-Boost Controller with Spread Spectrum
logo
Texas Instruments
LM25148-Q1 TI1-LM25148-Q1_V01 Datasheet
5Mb / 66P
LM25148-Q1 42-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
REVISED FEBRUARY 2023
LM5148-Q1 TI1-LM5148-Q1 Datasheet
5Mb / 67P
LM5148-Q1 80-V, Automotive, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
LM5148 TI-LM5148 Datasheet
5Mb / 70P
LM5148 80-V, Synchronous, Buck DC/DC Controller with Ultra-Low IQ and Dual Random Spread Spectrum
FEBRUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com