Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 3Page - Texas Instruments LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
LM25139
UNIT
RGT (VQFN)
16 PINS
RθJA
Junction-to-ambient thermal resistance
55.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
62.8
°C/W
RθJB
Junction-to-board thermal resistance
29.9
°C/W
ψJT
Junction-to-top characterization parameter
3.5
°C/W
ψJB
Junction-to-board characterization parameter
29.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
14.3
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Electrical Characteristics
TJ = –40°C to 150°C. Typical values are at TJ = 25°C and VIN = 12V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY (VIN)
IQ-VIN1
VIN shutdown current
VEN = 0V
2.3
4
µA
IQ-VIN2
VIN standby current
Non-switching, 0.5V ≤ VEN ≤ 1V
30
48
µA
ISLEEP1
Sleep current, 3.3V
VEN = 5V, VVOUT = 3.3V, in regulation, no
load, not switching, VFPWM/SYNC = 0V
10
18
µA
ISLEEP2
Sleep current, 5V
VEN = 5V, VVOUT = 5V, in regulation, no-load,
not switching, VFPWM/SYNC = 0V
11
20
µA
PRECISION ENABLE (EN)
VSDN
Shutdown to standby threshold
VEN rising
0.55
V
VEN-HIGH
Enable voltage rising threshold
VEN rising, enable switching
0.95
1.0
1.05
V
IEN-HYS
Enable hysteresis
VEN = 1.1V
–14
–11
–8
µA
INTERNAL LDO (VCC)
VVCC-REG
VCC regulation voltage
IVCC = 0mA to 90mA
4.7
5
5.3
V
VVCC-UVLO
VCC UVLO rising threshold
3.68
3.8
3.9
V
VVCC-HYST
VCC UVLO hysteresis
300
mV
IVCC-REG
Internal LDO short-circuit current limit
210
mA
REFERENCE VOLTAGE (FB)
VREF
Regulated FB voltage
792
800
808
mV
OUTPUT VOLTAGE (VOUT)
VOUT-3.3V–INT
3.3V output voltage setpoint
RFB = 0Ω, VIN = 4V to 42V
3.26
3.3
3.33
V
VOUT-5V–INT
5V output voltage setpoint
RFB = 24.9kΩ, VIN = 5.5V to 42V
4.93
5.0
5.05
V
ERROR AMPLIFIER (COMP)
gm
EA transconductance
1.1
mS
IFB
Error amplifier input bias current
100
nA
VCOMP-CLAMP=MAX
COMP clamp maximum voltage
2.1
V
ICOMP-SRC
EA source current
VCOMP = 1V, VFB = 0.68V
115
µA
ICOMP-SINK
EA sink current
VCOMP = 1V, VFB = 0.92V
115
µA
DUAL RANDOM SPREAD SPECTURM (DRSS)
fm
Modulation frequency
7.2
16.6
kHz
ΔfC1
Low-frequency spread spectrum
modulation range 1
LM25139D5QRGTRQ1
±5
%
ΔfC2
Low-frequency spread spectrum
modulation range 2
LM25139QRGTRQ1
±10
%
FORCED PWM (FPWM/SYNC)
VFPWM-HI
FPWM high detection threshold
1.2
V
www.ti.com
LM25139
SLVSJ80 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com