Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 28 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 28 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 24Page - Texas Instruments LM5145 Datasheet HTML 25Page - Texas Instruments LM5145 Datasheet HTML 26Page - Texas Instruments LM5145 Datasheet HTML 27Page - Texas Instruments LM5145 Datasheet HTML 28Page - Texas Instruments LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
In high step-down ratio applications, the low-side MOSFET carries the current for a large portion of the switching
period. Therefore, to attain high efficiency, optimizing the low-side MOSFET for low RDS(on) is critical. In cases
where the conduction loss is too high or the target RDS(on) is lower than available in a single MOSFET, connect
two low-side MOSFETs in parallel. The total power dissipation of the low-side MOSFET is the sum of the losses
due to channel conduction, body diode conduction, and typically one-third of the net loss attributed to body diode
reverse recovery. The LM25139 is well-designed to drive TI's portfolio of NexFET™ power MOSFETs.
7.1.1.5 EMI Filter
Switching regulators exhibit negative input impedance, which is lowest at the minimum input voltage. An
underdamped LC filter exhibits a high output impedance at the resonant frequency of the filter. For stability,
the filter output impedance must be less than the absolute value of the converter input impedance.
ZIN= −VINmin2PIN
(19)
The passive EMI filter design steps are as follows:
• Calculate the required attenuation of the EMI filter at the switching frequency, where CIN represents the
existing capacitance at the input of the switching converter.
• Input filter inductor LIN is usually selected between 1μH and 10μH, but can be lower to reduce losses in a
high-current design.
• Calculate input filter capacitor CF.
Figure 7-2. Passive π-Stage EMI Filter for Buck Regulator
By calculating the first harmonic current from the Fourier series of the input current waveform and multiplying by
the input impedance (the impedance is defined by the existing input capacitor CIN), use Equation 20 to show a
formula derived to obtain the required attenuation.
Attn=20log ILPEAK
π2×FSW×CIN×sinπ×DMAX × 11μV −VMAX
(20)
where
• VMAX is the allowed dBμV noise level for the applicable conducted EMI specification, for example CISPR 32
Class B.
• CIN is the existing input capacitance of the buck regulator.
• DMAX is the maximum duty cycle.
• IPEAK is the peak inductor current.
For filter design purposes, the current at the input can be modeled as a square-wave. Use Equation 21 to
determine the passive EMI filter capacitance CF.
LM25139
SLVSJ80 – OCTOBER 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com