Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 35 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments LM5145 Datasheet HTML 38Page - Texas Instruments LM5145 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 60 page
background image
ICORMS =∆ILO12= 312=0.86A
(39)
7.2.1.2.5 Input Capacitors
A power supply input typically has a relatively high source impedance at the switching frequency. Good-quality
input capacitors are necessary to limit the input ripple voltage. In general, the ripple current splits between the
input capacitors based on the relative impedance of the capacitors at the switching frequency.
1. Select the input capacitors with sufficient voltage and RMS ripple current ratings.
2. Use Equation 40 to calculate the input capacitor RMS ripple current assuming a worst-case duty-cycle
operating point of 50%.
ICINRMS =IOUT× D× 1−D =10A× 0.5× 1−0.5 =5A
(40)
3. Use Equation 41 to find the required input capacitance.
CIN≥ D× 1−D ×IOUT
FSW× ∆VIN−RESRIOUT = 0.5× 1−0.5 ×10A
1MHz× 240mV−2mΩ×10A =11.4μF
(41)
where
• ΔVIN is the input peak-to-peak ripple voltage specification.
• RESR is the input capacitor ESR.
4. Recognizing the voltage coefficient of ceramic capacitors, select two 10-µF, 50V, X7R, 1210 ceramic input
capacitors. Place these capacitors adjacent to the power MOSFETs. See Section 7.4.1.1 for more detail.
5. Use four 10nF, 50V, X7R, 0603 ceramic capacitors near the high-side MOSFET to supply the high di/dt
current during MOSFET switching transitions. Such capacitors offer high self-resonant frequency (SRF) and
low effective impedance above 100MHz. The result is lower power loop parasitic inductance, thus minimizing
switch-node voltage overshoot and ringing for lower conducted and radiated EMI signature. Refer to Section
7.4.1 for more detail.
7.2.1.2.6 Feedback Resistors
Determine the feedback resistor values using Equation 42.
RFB1=RFB2× VOUTVREF−1 =715kΩ× 12V0.8V−1 =100.1kΩ
(42)
7.2.1.2.7 Frequency Set Resistor
Use Equation 43 to calculate the RT resistance for a switching frequency of 1MHz. Choose a standard value of
23.2kΩ.
RT= 23759
FSWkHz −0.72= 23759
1000kHz− 0.72=23kΩ
(43)
7.2.1.2.8 Compensation Components
Choose compensation components for a stable control loop using the procedure outlined as follows:
1. Based on a specified loop gain crossover frequency, fC, of 55kHz, use Equation 44 to calculate RCOMP,
assuming an effective output capacitance of 100 µF. Choose a standard value for RCOMP of 20.5kΩ.
RCOMP=2π×fC×VOUTVREF×RS×GCSgm×COUT=2π×55kHz×12V0.8V×3mΩ×10
1100μS ×150μF=21.2kΩ
(44)
2. To provide adequate phase boost at crossover while also allowing a fast settling time during a load or line
transient, select CCOMP to place a zero at the higher of (1) one tenth of the crossover frequency, or (2)
the load pole. Calculate the necessary value using Equation 45 and choose a standard value for CCOMP of
1.5nF.
www.ti.com
LM25139
SLVSJ80 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com