Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 44 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 44 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 40Page - Texas Instruments LM5145 Datasheet HTML 41Page - Texas Instruments LM5145 Datasheet HTML 42Page - Texas Instruments LM5145 Datasheet HTML 43Page - Texas Instruments LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
7.4 Layout
7.4.1 Layout Guidelines
Proper PCB design and layout is important in a high-current, fast-switching circuit (with high current and voltage
slew rates) to achieve a robust and reliable design. As expected, certain issues must be considered before
designing a PCB layout using the LM25139. The high-frequency power loop of a buck regulator power stage is
denoted by loop 1 in the shaded area of Figure 7-22. The topological architecture of a buck regulator means
that particularly high di/dt current flows in the components of loop 1, and reducing the parasitic inductance of this
loop by minimizing the effective loop area becomes mandatory. Also important are the gate drive loops of the
high-side and low-side MOSFETs, denoted by 2 and 3, respectively, in Figure 7-22.
CBOOT
HO
SW
LO
VCC
PGND
VIN
VOUT
GND
VCC
Low-side
gate driver
High-side
gate driver
CVCC
CBOOT
CIN
COUT
Q1
Q2
LO
#1
High frequency
power loop
#3
#2
Figure 7-22. DC/DC Regulator Ground System With Power Stage and Gate Drive Circuit Switching Loops
7.4.1.1 Power Stage Layout
1. Input capacitors, output capacitors, and MOSFETs are the constituent components of the power stage of a
buck regulator and are typically placed on the top side of the PCB (solder side). The benefits of convective
heat transfer are maximized because of leveraging any system-level airflow. In a two-sided PCB layout,
small-signal components are typically placed on the bottom side (component side). Insert at least one inner
plane, connected to ground, to shield and isolate the small-signal traces from noisy power traces and lines.
2. The DC/DC regulator has several high-current loops. Minimize the area of these loops to suppress
generated switching noise and optimize switching performance.
• Loop 1: the most important loop area to minimize is the path from the input capacitor or capacitors
through the high- and low-side MOSFETs, and back to the capacitor or capacitors through the ground
connection. Connect the input capacitor or capacitors negative terminal close to the source of the low-
side MOSFET (at ground). Similarly, connect the input capacitor or capacitors positive terminal close to
the drain of the high-side MOSFET (at VIN). Refer to loop 1 of Figure 7-22.
• Another loop, not as critical as loop 1, is the path from the low-side MOSFET through the inductor and
output capacitor or capacitors, and back to source of the low-side MOSFET through ground. Connect the
source of the low-side MOSFET and negative terminal of the output capacitor or capacitors at ground as
close as possible.
3. The PCB trace defined as SW node, which connects to the source of the high-side (control) MOSFET, the
drain of the low-side (synchronous) MOSFET and the high-voltage side of the inductor, must be short and
wide. However, the SW connection is a source of injected EMI and thus must not be too large.
LM25139
SLVSJ80 – OCTOBER 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com