Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 13Page - Texas Instruments LM5145 Datasheet HTML 14Page - Texas Instruments LM5145 Datasheet HTML 15Page - Texas Instruments LM5145 Datasheet HTML 16Page - Texas Instruments LM5145 Datasheet HTML 17Page - Texas Instruments LM5145 Datasheet HTML 18Page - Texas Instruments LM5145 Datasheet HTML 19Page - Texas Instruments LM5145 Datasheet HTML 20Page - Texas Instruments LM5145 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
VOUT
HO-SW
Low Dropout Mode
PWM Mode
Approximately 99%
Duty Cycle
VIN
one
tOFF skip
two
tOFF skip
three
tOFF skip
up to 15
tOFF skip
up to 15
tOFF skip
Figure 6-2. Dropout Mode Operation
6.3.2 High-Voltage Bias Supply Regulator (VCC)
The LM25139 contains an internal high-voltage VCC bias regulator that provides the bias supply for the PWM
controller and the gate drivers for the external MOSFETs. The controller is rated to an input voltage up to 42V.
However, when the input voltage is below the VCC setpoint level, the VCC voltage tracks VIN minus a small
voltage drop.
The VCC regulator output current limit is 210mA (typical). At power up, the controller sources current into the
capacitor connected at the VCC pin. When the VCC voltage exceeds 3.8V (typical) and the EN pin is above 1V,
the soft-start sequence begins. The output remains active unless the VCC voltage falls below the VCC UVLO
falling threshold of 3.5V (typical) or EN is switched to a low state. Connect a ceramic capacitor from VCC to
PGND. The recommended range of the VCC capacitor is from 2.2µF to 10µF.
6.3.3 Precision Enable (EN)
The EN pin can be connected to a voltage as high as 42V. The LM25139 has a precision enable function. When
the EN voltage is greater than 1V, switching is enabled. If the EN voltage is below 0.5V, the LM25139 is in
shutdown with an IQ of 2.3μA (typical) current consumption from VIN. When the EN voltage is between 0.5V and
1V, the LM25139 is in standby mode, the VCC regulator is active, and the controller is not switching. When the
controller is in standby mode, the input quiescent current is 30μA (typical). Enable the LM25139 with a voltage
greater than 1V. However, many applications benefit from using a resistor divider RUV1 and RUV2, as shown in
Figure 6-3, to establish a precision input UVLO. TI recommends to avoid leaving the EN pin floating.
Use Equation 2 and Equation 3 to calculate the UVLO resistors given the required input turn-on and turn-off
voltages.
RUV1= VINON −VINOFF
IHYS
(2)
RUV2=  RUV1×VEN
VINON − VEN
(3)
www.ti.com
LM25139
SLVSJ80 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com