Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 46 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 46 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 42Page - Texas Instruments LM5145 Datasheet HTML 43Page - Texas Instruments LM5145 Datasheet HTML 44Page - Texas Instruments LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
layers as ground plane or planes. Pay particular attention to shielding the feedback (FB) and current sense
(ISNS+ and VOUT) traces from power traces and components.
• Locate the upper and lower feedback resistors (if required) close to the FB pin, keeping the FB trace as short
as possible. Route the trace from the upper feedback resistor to the required output voltage sense point at
the load.
• Route the ISNS+ and VOUT sense traces as differential pairs to minimize noise pickup and use Kelvin
connections to the applicable shunt resistor (if shunt current sensing is used) or to the sense capacitor (if
inductor DCR current sensing is used).
• Minimize the loop area from the VCC and VIN pins through the respective decoupling capacitors to the
PGND pin. Locate these capacitors as close as possible to the LM25139.
7.4.1.4 Thermal Design and Layout
The useful operating temperature range of a PWM controller with integrated gate drivers and bias supply LDO
regulator is greatly affected by the following:
• Average gate drive current requirements of the power MOSFETs
• Switching frequency
• Operating input voltage (affecting bias regulator LDO voltage drop and hence the power dissipation)
• Thermal characteristics of the package and operating environment
For a PWM controller to be useful over a particular temperature range, the package must allow for the efficient
removal of the heat produced while keeping the junction temperature within rated limits. The LM25139 controller
is available in a small, 3mm × 3mm 16-pin RGT PowerPAD™ integrated circuit package to cover a range of
application requirements. Section 7.4.1.4 summarizes the thermal metrics of this package.
The 16-pin RGT package offers a means of removing heat from the semiconductor die through the exposed
thermal pad at the base of the package. While the exposed pad of the package is not directly connected to any
leads of the package, the exposed pad of the package is thermally connected to the substrate of the LM25139
device (ground). This connection allows a significant improvement in heat sinking, and the PCB designed with
thermal lands, thermal vias, and a ground plane to complete the heat removal subsystem becomes imperative.
The exposed pad of the LM25139 is soldered to the ground-connected copper land on the PCB directly
underneath the device package, reducing the thermal resistance to a very low value.
Numerous vias with a 0.3mm diameter connected from the thermal land to the internal and solder-side ground
plane or planes are vital to help dissipation. In a multi-layer PCB design, a solid ground plane is typically placed
on the PCB layer below the power components. Not only does this action provide a plane for the power stage
currents to flow but this action also represents a thermally conductive path away from the heat generating
devices.
The thermal characteristics of the MOSFETs also are significant. The drain pads of the high-side MOSFETs are
normally connected to a VIN plane for heat sinking. The drain pads of the low-side MOSFETs are tied to the SW
plane, but the SW plane area is purposely kept as small as possible to mitigate EMI concerns.
7.4.1.5 Ground Plane Design
As mentioned previously, TI recommends using one or more of the inner PCB layers as a solid ground plane. A
ground plane offers shielding for sensitive circuits and traces and also provides a quiet reference potential for the
control circuitry. In particular, a full ground plane on the layer directly underneath the power stage components
is essential. Connect the source terminal of the low-side MOSFET and return terminals of the input and output
capacitors to this ground plane. Connect the PGND and AGND pins of the controller at the DAP and then
connect to the system ground plane using an array of vias under the DAP. The PGND nets contain noise at the
switching frequency and can bounce because of load current variations. The power traces for PGND, VIN, and
SW can be restricted to one side of the ground plane, for example on the top layer. The other side of the ground
plane contains much less noise and is an excellent choice for sensitive analog trace routes.
LM25139
SLVSJ80 – OCTOBER 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com