Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 2Page - Texas Instruments LM5145 Datasheet HTML 3Page - Texas Instruments LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
Over the recommended operating junction temperature range of –40°C to 150°C (unless otherwise noted). (1)
MIN
MAX
UNIT
Output voltage
VOUT to AGND
–0.3
36
V
CBOOT to SW
–0.3
VSW + 5.5
V
CBOOT to SW, transient < 20ns
–2
V
HO to SW
–0.3
VCBOOT + 0.3
V
HO to SW, transient < 20ns
–5
V
LO to PGND
–0.3
VVCC + 0.3
V
LO to PGND, transient < 20ns
–1.5
V
VCC, PG, COMP to AGND
-0.3
5.5
V
Input voltage
AGND to PGND
–0.3
0.3
V
VIN to PGND
–0.3
45
V
SW to PGND
–0.3
45
V
SW to PGND, transient < 20ns
–5
V
EN, RT to PGND
–0.3
45
V
FB, FPWM/SYNC to AGND
–0.3
5.5
V
ISNS to AGND
–0.3
45
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–55
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC JS-002 (2)
±750
(1)
JEDEC document JEP155 states that 500V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
Over the operating junction temperature range of –40
℃ to 150℃ (unless otherwise noted). (1)
MIN
NOM
MAX
UNIT
VIN
Input supply voltage range
3.5
42
V
VOUT
Output voltage range
0.8
36
V
SW to PGND
–0.3
42
V
CBOOT, HO to SW
–0.3
5
5.25
V
FB, COMP to AGND
–0.3
5.25
V
EN, RT to PGND
–0.3
42
V
VCC, LO to PGND
–0.3
5
5.25
V
VOUT, ISNS to PGND
–0.3
36
V
PGND to AGND
–0.3
0.3
V
FPWM/SYNC, PG to AGND
–0.3
5.25
V
TJ
Operating junction temperature
–40
150
°C
(1)
Recommended operating conditions are conditions under which the device is intended to be functional. For specifications and test
conditions, see the Electrical Characteristics.
LM25139
SLVSJ80 – OCTOBER 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com