Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 4Page - Texas Instruments LM5145 Datasheet HTML 5Page - Texas Instruments LM5145 Datasheet HTML 6Page - Texas Instruments LM5145 Datasheet HTML 7Page - Texas Instruments LM5145 Datasheet HTML 8Page - Texas Instruments LM5145 Datasheet HTML 9Page - Texas Instruments LM5145 Datasheet HTML 10Page - Texas Instruments LM5145 Datasheet HTML 11Page - Texas Instruments LM5145 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
5.5 Electrical Characteristics (continued)
TJ = –40°C to 150°C. Typical values are at TJ = 25°C and VIN = 12V (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFPWM-LO
FPWM low detection threshold
0.8
V
VZC-PFM
Zero-cross threshold (LO off) in PFM
–5.5
mV
VZC-FPWM
Zero-cross threshold (LO off) in FPWM
30
mV
tPFM-FILTER
SYNCIN to PFM mode
13
72
µs
SWITCHING FREQUENCY (RT)
VRT
RT pin regulation voltage
10kΩ < RRT < 100kΩ
1
V
FSW2-VCC
Switching frequency 2, RT to VCC
RT = 10.1kΩ to VCC
2.2
MHz
FSW1
Switching frequency 1
RRT = 53kΩ to AGND
396
440
484
kHz
FSW2
Switching frequency 2
RRT = 10.1kΩ to AGND
2.2
MHz
FSW3
Switching frequency 3
RRT = 237kΩ to AGND
100
kHz
SLOPE1
Internal slope compensation 1
RRT = 10.1kΩ
1000
mV/µs
tON(min)
Minimum on-time
VHO – VSW = VCBOOT – VSW
25
ns
tOFF(min)
Minimum off-time
VHO – VSW = 0V
80
ns
POWER GOOD (PG)
VPG-OV
PG OV threshold level
Rising with respect to the regulation voltage
107
110
113.5
%
VPG-UV
PG UV threshold level
Falling with respect to the regulated voltage
89
92
95
%
VPG-UV-HYST
PG UV hysteresis
Rising with respect to the regulated output
3.6
%
VPG-OV-HYST
PG OV hysteresis
Rising with respect to the regulation voltage
3.6
%
tOV-DLY
PG OV filter time
VOUT rising
25
µs
tUV-DLY
PG UV filter time
VOUT falling
25
µs
VPG-OL
PG voltage
Open collector, IPG = 4mA
0.04
0.14
0.8
V
STARTUP (Soft Start)
tSS-INT
Internal fixed soft-start time
1.5
3
4.2
ms
BOOT CIRCUIT (CBOOT)
VBOOT-DROP
Internal diode forward drop
ICBOOT = 20mA, VCC to CBOOT
0.8
V
IBOOT
CBOOT to SW quiescent current, not
switching
VEN = 5V, VCBOOT – VSW = 5V
9
µA
VBOOT-SW-UV-R
CBOOT to SW UVLO rising threshold
VCBOOT – VSW rising
2.9
V
VBOOT-SW-UV-F
CBOOT to SW UVLO falling threshold
VCBOOT – VSW falling
2.6
V
VBOOT-SW-UV-HYS
CBOOT to SW UVLO hysteresis
330
mV
HIGH-SIDE GATE DRIVER (HO)
VHO-HIGH
HO high-state output voltage
IHO = –100mA, VHO-HIGH = VCBOOT – VHO
120
mV
VHO-LOW
HO low-state output voltage
IHO = 100mA
60
mV
IHO-SRC
HO peak source current
VHO = VSW = 0V, VCBOOT = VVCC = 5V
1.65
A
IHO-SINK
HO peak sink current
VVCC = 5V
2.4
A
LOW-SIDE GATE DRIVER (LO)
VLO-HIGH
LO high-state output voltage
ILO = –100mA
124
mV
VLO-LOW
LO low-state output voltage
ILO = 100mA
60
mV
ILO-SRC
LO peak source current
VLO = VSW = 0V, VVCC = 5V
1.65
A
ILO-SINK
LO peak sink current
VVCC = 5V
2.4
A
ADAPTIVE DEADTIME CONTROL
tDEAD1
HO off to LO on deadtime
18
ns
tDEAD2
LO off to HO on deadtime
22
ns
INTERNAL HICCUP MODE
HICDLY
Hiccup mode activation delay
VISNS – VVOUT > 60mV
512
cycles
HICCYCLES
HICCUP mode fault
VISNS – VVOUT > 60mV
16384
cycles
OVERCURRENT PROTECTION
VCS-TH
Current limit threshold
Measured from ISNS to VOUT
52
60
68
mV
LM25139
SLVSJ80 – OCTOBER 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com