Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 33 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 29Page - Texas Instruments LM5145 Datasheet HTML 30Page - Texas Instruments LM5145 Datasheet HTML 31Page - Texas Instruments LM5145 Datasheet HTML 32Page - Texas Instruments LM5145 Datasheet HTML 33Page - Texas Instruments LM5145 Datasheet HTML 34Page - Texas Instruments LM5145 Datasheet HTML 35Page - Texas Instruments LM5145 Datasheet HTML 36Page - Texas Instruments LM5145 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
7.2.1.2 Detailed Design Procedure
7.2.1.2.1 Custom Design With WEBENCH® Tools
Click here to create a custom design using the LM25139 device with the WEBENCH® Power Designer.
1. Start by entering the input voltage (VIN), output voltage (VOUT), and output current (IOUT) requirements.
2. Optimize the design for key parameters such as efficiency, footprint, and cost using the optimizer dial.
3. Compare the generated design with other possible solutions from Texas Instruments.
The WEBENCH Power Designer gives a customized schematic along with a list of materials with real-time
pricing and component availability.
In most cases, these actions are available:
• Run electrical simulations to see important waveforms and circuit performance
• Run thermal simulations to understand board thermal performance
• Export customized schematic and layout into popular CAD formats
• Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
7.2.1.2.2 Buck Inductor
1. Use Equation 30 to calculate the required buck inductance based on a 30% inductor ripple current at
nominal input voltages.
LO= VOUT
∆ILO×FSW× 1− VOUT
VINnom = 12V
3A×1MHz× 1−12V24V =2μH
(30)
2. Select a standard inductor value of 2.2μH. Use Equation 31 to calculate the peak inductor current at
maximum steady-state input voltage. Subharmonic oscillation occurs with a duty cycle greater than 50%
for peak current-mode control. For design simplification, the LM25139 has an internal slope compensation
ramp proportional to the switching frequency that is added to the current sense signal to damp any tendency
toward subharmonic oscillation.
ILOPK =IOUT+∆ILO2=IOUT+ VOUT
2×LO×FSW× 1− VOUT
VINmax =10+ 12V
2×2.2μH×1MHz× 1−12V36V =11.8A (31)
7.2.1.2.3 Current-Sense Components
This design uses a series resistor to sense the output current ripple and set the current ripple. The following
procedure details how to select the current sense resistance.
1. Calculate the current-sense resistance based on a maximum peak current capability of at least 25% higher
than the peak inductor current at full load to provide sufficient margin during start-up and load-on transients.
Calculate the current sense resistances using Equation 32.
RS= VCS−TH
1.25×ILOPK = 60mV
1.25×11.8A=4.1mΩ
(32)
2. In this example, 3mΩ is selected for a higher current limit. An 0508 footprint component with wide aspect
ratio termination design provides 1W power rating, low parasitic series inductance, and compact PCB layout.
Carefully adhere to the layout guidelines in Section 7.4.1 to make sure that noise and DC errors do not
corrupt the differential current-sense voltages measured at the ISNS+ and VOUT pins.
3. Place the shunt resistor close to the inductor.
4. Use Kelvin-sense connections, and route the sense lines differentially from the shunt to the LM25139.
5. The CS-to-output propagation delay (related to the current limit comparator, internal logic, and power
MOSFET gate drivers) causes the peak current to increase above the calculated current limit threshold.
For a total propagation delay tDELAY-ISNS of 70ns, use Equation 33 to calculate the worst-case peak inductor
current with the output shorted.
www.ti.com
LM25139
SLVSJ80 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com