Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5145 Datasheet(PDF) 49 Page - Texas Instruments

Part # LM5145
Description  LM25139 42V, Synchronous Buck DC/DC Controller With Dual Random Spread Spectrum for Advanced EMI Mitigation
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5145 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM5145 Datasheet HTML 45Page - Texas Instruments LM5145 Datasheet HTML 46Page - Texas Instruments LM5145 Datasheet HTML 47Page - Texas Instruments LM5145 Datasheet HTML 48Page - Texas Instruments LM5145 Datasheet HTML 49Page - Texas Instruments LM5145 Datasheet HTML 50Page - Texas Instruments LM5145 Datasheet HTML 51Page - Texas Instruments LM5145 Datasheet HTML 52Page - Texas Instruments LM5145 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
8 Device and Documentation Support
8.1 Device Support
8.1.1 Development Support
With an input operating voltage as low as 3.5V and up to 100V as specified in Table 8-1, the LM(2)514x/-Q1
family of synchronous buck controllers from TI provides flexibility, scalability and optimized design size for
a range of applications. These controllers enable DC/DC designs with high density, low EMI and increased
flexibility. Available EMI mitigation features include dual-random spread spectrum (DRSS) or triangular spread
spectrum (TRSS), split gate driver outputs for slew rate (SR) control, and integrated active EMI filtering (AEF).
All controllers are rated for a maximum operating junction temperature of 150°C and have AEC-Q100 grade 1
qualification.
Table 8-1. Synchronous Buck DC/DC Controller Family
DC/DC
CONTROLLER
SINGLE or
DUAL
VIN RANGE
CONTROL METHOD
GATE DRIVE
VOLTAGE
SYNC OUTPUT
KEY FEATURE
LM5137
Dual
4V to 80V
Peak current mode
5V
90° phase shift
100% duty cycle
LM5137F
Dual
4V to 80V
Peak current mode
5V
90° phase shift
SIL 2 or 3
LM25137
Dual
4V to 42V
Peak current mode
5V
90° phase shift
100% duty cycle
LM25137F
Dual
4V to 42V
Peak current mode
5V
90° phase shift
SIL 2 or 3
LM5141
Single
3.8V to 65V
Peak current mode
5V
N/A
Split gate drive
LM25141
Single
3.8V to 42V
Peak current mode
5V
N/A
Split gate drive
LM5143
Dual
3.5V to 65V
Peak current mode
5V
90° phase shift
Split gate drive
LM25143
Dual
3.5V to 42V
Peak current mode
5V
90° phase shift
Split gate drive
LM5145
Single
5.5V to 75V
Voltage mode
7.5V
180° phase shift
No shunt
LM5146
Single
5.5V to 100V
Voltage mode
7.5V
180° phase shift
100V input capability
LM5148
Single
3.5V to 80V
Peak current mode
5V
180° phase shift
DRSS
LM25148
Single
3.5V to 42V
Peak current mode
5V
180° phase shift
DRSS
LM5149
Single
3.5V to 80V
Peak current mode
5V
180° phase shift
AEF
LM25149
Single
3.5V to 42V
Peak current mode
5V
180° phase shift
AEF
LM5190
Single
5V to 80V
Peak current mode
7.5V
N/A
CC/CV
LM25190
Single
5V to 42V
Peak current mode
7.5V
N/A
CC/CV
For development support, see the following:
• LM25139 Simulation Models
• For TI's reference design library, visit TI Designs.
• For TI's WEBENCH Design Environment, visit the WEBENCH® Design Center
• TI designs:
– ADAS 8-Channel Sensor Fusion Hub Reference Design with Two 4Gbps Quad Deserializers
– Automotive EMI and Thermally Optimized Synchronous Buck Converter Reference Design
– Automotive High Current, Wide VIN Synchronous Buck Controller Reference Design Featuring LM5141-
Q1
– 25W Automotive Start-Stop Reference Design Operating at 2.2MHz
– Synchronous Buck Converter for Automotive Cluster Reference Design
– 137W Holdup Converter for Storage Server Reference Design
– Automotive Synchronous Buck With 3.3V at 12.0A Reference Design
– Automotive Synchronous Buck Reference Design
– Wide Input Synchronous Buck Converter Reference Design With Frequency Spread Spectrum
– Automotive Wide VIN Front-end Reference Design for Digital Cockpit Processing Units
• To view a related device of this product, see the LM25148.
www.ti.com
LM25139
SLVSJ80 – OCTOBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LM25139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com