Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB501 Datasheet (PDF) - Texas Instruments

TUSB501 Datasheet PDF - Texas Instruments
Part # TUSB501
Download  TUSB501 Download
File Size   1190.23 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description USB 3.0 Single Channel Redriver with Equalization

TUSB501 Datasheet (PDF)

Go To PDF Page Download Datasheet
TUSB501 Datasheet PDF - Texas Instruments

Part # TUSB501
Download  TUSB501 Click to download

File Size   1190.23 Kbytes
Page   18 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description USB 3.0 Single Channel Redriver with Equalization

TUSB501 Datasheet (HTML) - Texas Instruments


TUSB501 Product details

1FEATURES
2• Aggressive Low-Power Architecture (Typ):
– 126 mW Active Power
– 20 mW in U2/U3
– 3 mW with No Connection
• Automatic LFPS DE Control
• Excellent Jitter and Loss Compensation
– 32 inches of FR4 4 mil Stripline
– 3 m of 30 AWG cable
• Integrated Termination
• Small 2 x 2 mm QFN Package
• Selectable Receiver Equalization, Transmitter
De-Emphasis and Output Swing
• Hot-Plug Capable
• ESD Protection ±5 kV HBM

APPLICATIONS
• Cell Phones, Computers, Docking Stations,
TVs, Active Cables, Backplanes

DESCRIPTION
The TUSB501 is a 3rd generation 3.3-V USB 3.0
single-channel redriver. When 5 Gbps SuperSpeed USB signals travel across a PCB or cable, signal
integrity degrades due to loss and inter-symbol
interference. The TUSB501 recovers incoming data
by applying equalization that compensates channel loss, and drives out signals with a high differential
voltage. This extends the possible channel length,
and enables systems to pass USB 3.0 compliance.
The TUSB501 advanced state machine makes it transparent to hosts and devices.
After power up, the TUSB501 periodically performs receiver detection on the TX pair. If it detects a
SuperSpeed USB receiver, RX termination becomes
enabled, and the TUSB501 is ready to redrive.
The receiver equalizer has three gain settings that
are controlled by pin EQ: 3 dB, 6 dB, and 9 dB. This
should be set based on amount of loss before the
TUSB501. Likewise, the output driver supports
configuration of De-Emphasis and Output Swing (pins
DE and OS). These settings allow the TUSB501 to be
flexibly placed in the SuperSpeed USB path, with
optimal performance.
Over previous generations, the TUSB501 features
reduced power in all link states, a stronger OS option,
improved receiver equalization settings, and an
intelligent LFPS Controller. This controller senses the
low frequency signals and automatically disables
driver de-emphasis, for full USB 3.0 compliance.
The TUSB501 is packaged in a small 2 x 2 mm QFN,
and operates through an industrial temperature range
of –40°C to 85°C.




Similar Part No. - TUSB501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB501 TI-TUSB501 Datasheet
1Mb / 17P
USB 3.0 Single Channel Redriver with Equalization
TUSB501 TI1-TUSB501 Datasheet
1Mb / 17P
USB 3.0 Single Channel Redriver with Equalization
TUSB501-Q1 TI1-TUSB501-Q1 Datasheet
1Mb / 23P
USB 3.0 Single-Channel Redriver with Equalization
TUSB501DRFR TI1-TUSB501DRFR Datasheet
1Mb / 17P
USB 3.0 Single Channel Redriver with Equalization
TUSB501TDRFRQ1 TI1-TUSB501TDRFRQ1 Datasheet
1Mb / 23P
USB 3.0 Single-Channel Redriver with Equalization
More results


Similar Description - TUSB501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB501 TI-TUSB501 Datasheet
1Mb / 17P
USB 3.0 Single Channel Redriver with Equalization
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
Dual-Channel USB 3.0 Redriver, Equalizer
logo
Pericom Semiconductor C...
PI3EQX7741 PERICOM-PI3EQX7741 Datasheet
665Kb / 1P
5.0Gbps, 1-port, (2-Channel) USB 3.0 ReDriver
logo
Texas Instruments
TUSB501 TI1-TUSB501_16 Datasheet
1Mb / 17P
USB 3.0 Single Channel Redriver with Equalization
TUSB501-Q1 TI1-TUSB501-Q1 Datasheet
1Mb / 23P
USB 3.0 Single-Channel Redriver with Equalization
TUSB551 TI1-TUSB551 Datasheet
1Mb / 23P
1.8-V USB 3.0 Single Channel Re-Driver with Equalization
SN65LVPE502A TI1-SN65LVPE502A_17 Datasheet
6Mb / 36P
Dual-Channel USB 3.0 Redriver and Equalizer
logo
NXP Semiconductors
PTN36221A NXP-PTN36221A Datasheet
994Kb / 24P
Single-channel SuperSpeed USB 3.0 redriver
Rev. 2.1-25 August2015
PTN36241B NXP-PTN36241B Datasheet
591Kb / 31P
SuperSpeed USB 3.0 redriver
Rev. 4-22 May2014
PTN36241G NXP-PTN36241G Datasheet
980Kb / 31P
SuperSpeed USB 3.0 redriver
Rev. 1-9 August2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com