Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB501 Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB501
Description  USB 3.0 Single Channel Redriver with Equalization
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB501 Datasheet(HTML) 2 Page - Texas Instruments

  TUSB501 Datasheet HTML 1Page - Texas Instruments TUSB501 Datasheet HTML 2Page - Texas Instruments TUSB501 Datasheet HTML 3Page - Texas Instruments TUSB501 Datasheet HTML 4Page - Texas Instruments TUSB501 Datasheet HTML 5Page - Texas Instruments TUSB501 Datasheet HTML 6Page - Texas Instruments TUSB501 Datasheet HTML 7Page - Texas Instruments TUSB501 Datasheet HTML 8Page - Texas Instruments TUSB501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
VCC
RXP
RXN
OS
4
1
DE
TXP
TXN
EQ
8
5
3
2
7
6
GND
TUSB501
SLLSEG5A – AUGUST 2013 – REVISED AUGUST 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DRF PACKAGE
(TOP VIEW)
PIN FUNCTIONS
PIN
TYPE
DESCRIPTION
NAME
NO.
RXP
2
Differential input pair for 5 Gbps SuperSpeed USB signals.
RXN
3
Differential I/O
TXN
6
Differential output pair for 5 Gbps SuperSpeed USB signals.
TXP
7
Sets the receiver equalizer gain. 3-state input with integrated pull-up and pull-
EQ
5
down resistors.
Sets the output de-emphasis gain. 3-state input with integrated pull-up and pull-
DE
CMOS Input
8
down resistors.
Sets the output swing (differential voltage amplitude). 2-state input with an
OS
4
integrated pull-down resistor.
VCC
1
3.3-V power supply
Power
GND
Thermal Pad
Reference ground
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TUSB501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com