Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB501 Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB501
Description  USB 3.0 Single Channel Redriver with Equalization
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB501 Datasheet(HTML) 1 Page - Texas Instruments

  TUSB501 Datasheet HTML 1Page - Texas Instruments TUSB501 Datasheet HTML 2Page - Texas Instruments TUSB501 Datasheet HTML 3Page - Texas Instruments TUSB501 Datasheet HTML 4Page - Texas Instruments TUSB501 Datasheet HTML 5Page - Texas Instruments TUSB501 Datasheet HTML 6Page - Texas Instruments TUSB501 Datasheet HTML 7Page - Texas Instruments TUSB501 Datasheet HTML 8Page - Texas Instruments TUSB501 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
RX+
RX-
TX+
TX-
3
rd Generation
State Machine
LFPS
Controller
VCC
GND
EQ
Driver
Receiver/
Equalizer
DE
OS
TUSB501
www.ti.com
SLLSEG5A – AUGUST 2013 – REVISED AUGUST 2013
USB 3.0 Single Channel Redriver with Equalization
Check for Samples: TUSB501
1
FEATURES
DESCRIPTION
The TUSB501 is a 3rd generation 3.3-V USB 3.0
2
•
Aggressive Low-Power Architecture (Typ):
single-channel redriver. When 5 Gbps SuperSpeed
–
126 mW Active Power
USB signals travel across a PCB or cable, signal
–
20 mW in U2/U3
integrity degrades due to loss and inter-symbol
interference. The TUSB501 recovers incoming data
–
3 mW with No Connection
by applying equalization that compensates channel
•
Automatic LFPS DE Control
loss, and drives out signals with a high differential
•
Excellent Jitter and Loss Compensation
voltage. This extends the possible channel length,
and enables systems to pass USB 3.0 compliance.
–
32 inches of FR4 4 mil Stripline
The TUSB501 advanced state machine makes it
–
3 m of 30 AWG cable
transparent to hosts and devices.
•
Integrated Termination
After power up, the TUSB501 periodically performs
•
Small 2 x 2 mm QFN Package
receiver detection on the TX pair. If it detects a
•
Selectable Receiver Equalization, Transmitter
SuperSpeed USB receiver, RX termination becomes
De-Emphasis and Output Swing
enabled, and the TUSB501 is ready to redrive.
•
Hot-Plug Capable
The receiver equalizer has three gain settings that
•
ESD Protection ±5 kV HBM
are controlled by pin EQ: 3 dB, 6 dB, and 9 dB. This
should be set based on amount of loss before the
TUSB501.
Likewise,
the
output
driver
supports
APPLICATIONS
configuration of De-Emphasis and Output Swing (pins
•
Cell Phones, Computers, Docking Stations,
DE and OS). These settings allow the TUSB501 to be
TVs, Active Cables, Backplanes
flexibly placed in the SuperSpeed USB path, with
optimal performance.
Over previous generations, the TUSB501 features
reduced power in all link states, a stronger OS option,
improved receiver equalization settings, and an
intelligent LFPS Controller. This controller senses the
low frequency signals and automatically disables
driver de-emphasis, for full USB 3.0 compliance.
The TUSB501 is packaged in a small 2 x 2 mm QFN,
and operates through an industrial temperature range
of –40°C to 85°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TUSB501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB501 TI-TUSB501 Datasheet
1Mb / 17P
USB 3.0 Single Channel Redriver with Equalization
TUSB501 TI1-TUSB501 Datasheet
1Mb / 17P
USB 3.0 Single Channel Redriver with Equalization
TUSB501-Q1 TI1-TUSB501-Q1 Datasheet
1Mb / 23P
USB 3.0 Single-Channel Redriver with Equalization
TUSB501DRFR TI1-TUSB501DRFR Datasheet
1Mb / 17P
USB 3.0 Single Channel Redriver with Equalization
TUSB501TDRFRQ1 TI1-TUSB501TDRFRQ1 Datasheet
1Mb / 23P
USB 3.0 Single-Channel Redriver with Equalization
More results

Similar Description - TUSB501

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB501 TI-TUSB501 Datasheet
1Mb / 17P
USB 3.0 Single Channel Redriver with Equalization
SN65LVPE512 TI1-SN65LVPE512 Datasheet
7Mb / 32P
Dual-Channel USB 3.0 Redriver, Equalizer
logo
Pericom Semiconductor C...
PI3EQX7741 PERICOM-PI3EQX7741 Datasheet
665Kb / 1P
5.0Gbps, 1-port, (2-Channel) USB 3.0 ReDriver
logo
Texas Instruments
TUSB501 TI1-TUSB501_16 Datasheet
1Mb / 17P
USB 3.0 Single Channel Redriver with Equalization
TUSB501-Q1 TI1-TUSB501-Q1 Datasheet
1Mb / 23P
USB 3.0 Single-Channel Redriver with Equalization
TUSB551 TI1-TUSB551 Datasheet
1Mb / 23P
1.8-V USB 3.0 Single Channel Re-Driver with Equalization
SN65LVPE502A TI1-SN65LVPE502A_17 Datasheet
6Mb / 36P
Dual-Channel USB 3.0 Redriver and Equalizer
logo
NXP Semiconductors
PTN36221A NXP-PTN36221A Datasheet
994Kb / 24P
Single-channel SuperSpeed USB 3.0 redriver
Rev. 2.1-25 August2015
PTN36241B NXP-PTN36241B Datasheet
591Kb / 31P
SuperSpeed USB 3.0 redriver
Rev. 4-22 May2014
PTN36241G NXP-PTN36241G Datasheet
980Kb / 31P
SuperSpeed USB 3.0 redriver
Rev. 1-9 August2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com