Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB501 Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB501
Description  USB 3.0 Single Channel Redriver with Equalization
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB501 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB501 Datasheet HTML 2Page - Texas Instruments TUSB501 Datasheet HTML 3Page - Texas Instruments TUSB501 Datasheet HTML 4Page - Texas Instruments TUSB501 Datasheet HTML 5Page - Texas Instruments TUSB501 Datasheet HTML 6Page - Texas Instruments TUSB501 Datasheet HTML 7Page - Texas Instruments TUSB501 Datasheet HTML 8Page - Texas Instruments TUSB501 Datasheet HTML 9Page - Texas Instruments TUSB501 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Tdiff_LH
Tdiff_HL
IN
OUT
24"
1"-6"
Up to 3m
(30AWG)
TUSB501
4"
AWG
Jitter
Measurement
A
TUSB501
SLLSEG5A – AUGUST 2013 – REVISED AUGUST 2013
www.ti.com
AC ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Timing
Apply 0 V to VCC, connect
Time from power applied until RX
SuperSpeed USB termination to
tREADY
9
ms
termination
TX±, apply 3.3 V to VCC, and
measure when ZRX-DIFF is enabled.
Jitter
TJTX-EYE
Total jitter (1) (2)
0.213
UI (3)
EQ = Floating, OS = High,
DJTX
Deterministic jitter (2)
DE = High
0.197
UI (3)
See Figure 1.
RJTX
Random jitter (2) (4)
0.016
UI (3)
(1)
Includes RJ at 10
-12.
(2)
Measured at the ends of reference channel in Figure 1 with K28.5 pattern, VID = 1000 mVpp, 5 Gbps, -3.5 dB de-emphasis from source.
(3)
UI = 200 ps.
(4)
Rj calculated as 14.069 times the RMS random jitter for 10
-12 BER.
spacer
PARAMETER MEASUREMENT INFORMATION
Figure 1. Jitter Measurement Setup
spacer
Figure 2. Propagation Delay
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TUSB501



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com