Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMQ1332-QH Datasheet (PDF) - Mimix Broadband

CMQ1332-QH Datasheet PDF - Mimix Broadband
Part # CMQ1332-QH
Download  CMQ1332-QH Download
File Size   580.4 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier

CMQ1332-QH Datasheet (PDF)

Go To PDF Page Download Datasheet
CMQ1332-QH Datasheet PDF - Mimix Broadband

Part # CMQ1332-QH
Download  CMQ1332-QH Click to download

File Size   580.4 Kbytes
Page   5 Pages
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband
Description 12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier

CMQ1332-QH Datasheet (HTML) - Mimix Broadband




Similar Part No. - CMQ1332-QH

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMQ1332-QH MIMIX-CMQ1332-QH Datasheet
554Kb / 5P
12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH-0G00 MIMIX-CMQ1332-QH-0G00 Datasheet
554Kb / 5P
12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH-0G0T MIMIX-CMQ1332-QH-0G0T Datasheet
554Kb / 5P
12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
More results


Similar Description - CMQ1332-QH

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA08602FR MACOM-MA08602FR Datasheet
30Kb / 2P
1W Power Amplifier 14 - 14.5 GHz
logo
Mimix Broadband
CMQ1432-QH MIMIX-CMQ1432-QH Datasheet
779Kb / 7P
13.5-15.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1631-QH MIMIX-CMQ1631-QH Datasheet
332Kb / 5P
13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
CMQ1332-QH MIMIX-CMQ1332-QH Datasheet
554Kb / 5P
12.5-14.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
logo
Tyco Electronics
MAAPGM0037-DIE MACOM-MAAPGM0037-DIE Datasheet
189Kb / 5P
Amplifier, Power, 1.0W 6.5-12.5 GHz
logo
Mimix Broadband
CMQ1432-QH MIMIX-CMQ1432-QH_08 Datasheet
776Kb / 7P
13.5-15.5 GHz 1.5W QFN Plastic Packaged Power Amplifier
CMQ1631-QH MIMIX-CMQ1631-QH_07 Datasheet
264Kb / 5P
13 - 18 GHz 0.5W QFN Plastic Packaged Power Amplifier
logo
Excelics Semiconductor,...
EMP215 EXCELICS-EMP215 Datasheet
153Kb / 3P
12.5 - 16.5 GHz Power Amplifier MMIC
RFMA1216-2W EXCELICS-RFMA1216-2W Datasheet
92Kb / 2P
12.5 - 15.5 GHz Power Amplifier MMIC
logo
Mimix Broadband
XP1058-BD MIMIX-XP1058-BD Datasheet
1Mb / 12P
14.5-16.0 GHz GaAs MMIC Power Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com