Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA08602FR Datasheet (PDF) - Tyco Electronics

MA08602FR Datasheet PDF - Tyco Electronics
Part # MA08602FR
Download  MA08602FR Download
File Size   30.95 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1W Power Amplifier 14 - 14.5 GHz

MA08602FR Datasheet (PDF)

Go To PDF Page Download Datasheet
MA08602FR Datasheet PDF - Tyco Electronics

Part # MA08602FR
Download  MA08602FR Click to download

File Size   30.95 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description 1W Power Amplifier 14 - 14.5 GHz

MA08602FR Datasheet (HTML) - Tyco Electronics


MA08602FR Product details

DESCRIPTION
The MA08602FR is a five stage MMIC power amplifier fabricated on M/A-COM’s Self-Aligned MSAG ® MESFET Process. This product is fully matched to 50 ohms on both the input and the output and can be used as either a driver or an output stage amplifier. Although the broadband design can be used for many applications, it is ideally suited for Ku-band VSAT.

FEATURES
• 35.5 dB Typical Small Signal Gain
• 50 Ω Input/Output Impedance
• 40 dBm Third Order Intercept Point
• Flange mount package designed for optimum electrical and thermal performance at Ku-band.
• Broadband design centered on Ku-band VSAT.
• Consistent Output Power and Gain makes fixed bias possible.




Similar Part No. - MA08602FR

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA08609 GOLLEDGE-MA08609 Datasheet
125Kb / 6P
SAW Filter 480MHz
More results


Similar Description - MA08602FR

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA1135B TRIQUINT-TGA1135B Datasheet
1Mb / 8P
18-27.5 GHz 1W Power Amplifier
TGA1172 TRIQUINT-TGA1172 Datasheet
768Kb / 4P
27 - 32 GHz 1W Power Amplifier
TGA4509-EPU TRIQUINT-TGA4509-EPU Datasheet
153Kb / 8P
27 - 31 GHz 1W Power Amplifier
logo
Tyco Electronics
MAAPGM0027-DIE MACOM-MAAPGM0027-DIE Datasheet
273Kb / 6P
2.0-4.0 GHz 1W Power Amplifier
MAAPGM0030-DIE MACOM-MAAPGM0030-DIE Datasheet
269Kb / 6P
5.0-9.0 GHz 1W Power Amplifier
MAAPSS0111 MACOM-MAAPSS0111 Datasheet
145Kb / 6P
1.25 W VSAT Power Amplifier 13.75-14.5 GHz
logo
Transcom, Inc.
TC4535 TRANSCOM-TC4535 Datasheet
97Kb / 3P
13.75 - 14.5 GHz 1W MMIC
logo
Mimix Broadband
XP1058-BD MIMIX-XP1058-BD Datasheet
1Mb / 12P
14.5-16.0 GHz GaAs MMIC Power Amplifier
logo
TriQuint Semiconductor
TGA4542 TRIQUINT-TGA4542 Datasheet
1Mb / 13P
37 - 40 GHz 1W Power Amplifier
TGA4544-SM TRIQUINT-TGA4544-SM Datasheet
1Mb / 14P
26 ??31 GHz 1W Power Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com