Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4566B Datasheet (PDF) - STMicroelectronics

HCC4566B Datasheet PDF - STMicroelectronics
Part # HCC4566B
Download  HCC4566B Download
File Size   202.14 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description INDUSTRIAL TIME-BASE GENERATOR

HCC4566B Datasheet (PDF)

Go To PDF Page Download Datasheet
HCC4566B Datasheet PDF - STMicroelectronics

Part # HCC4566B
Download  HCC4566B Click to download

File Size   202.14 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description INDUSTRIAL TIME-BASE GENERATOR

HCC4566B Datasheet (HTML) - STMicroelectronics


HCC4566B Product details

DESCRIPTION
The HCC4566B and HCF4566B are monolithic integrated circuits, available in 16-lead dual-in-line plastic or ceramic packages and plastic micro packages.
The HCC4566B and HCF4566B are industrial time base generators. They consist of a divide-by-10 ripple counter and a divide-by-5 or divide-by-6 ripple counter to permit stable time generation from a 50 or 60Hz line.

■ VERY LOW QUIESCENT CURRENT
■ HIGH NOISE IMMUNITY
■ SUPPLY VOLTAGE RANGE 3V TO 18V
■ NEGATIVE EDGE TRIGGERED COUNTERS FOR EASY CASCADING
■ PULSE SHAPING ON COUNTER INPUTS ACCEPTS SLOW INPUT RISE TIMES
■ MONOSTABLE MULTIVIBRATOR POSITIVE OR NEGATIVE EDGE TRIGGERED




Similar Part No. - HCC4566B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4560B STMICROELECTRONICS-HCC4560B Datasheet
201Kb / 6P
NBCD ADDER
Sep-1990
HCC4560BF STMICROELECTRONICS-HCC4560BF Datasheet
201Kb / 6P
NBCD ADDER
Sep-1990
More results


Similar Description - HCC4566B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14566B HITACHI-HD14566B Datasheet
76Kb / 5P
Industrial Time Base Generator
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
SMPTE Time Code Receiver/Generator
Rev D 4/05/05
logo
List of Unclassifed Man...
CXD1132Q ETC1-CXD1132Q Datasheet
41Kb / 4P
C-MOS TIME CODE GENERATOR / READER
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
SMPTE Time Code Receiver/Generator
logo
Motorola, Inc
MC14566B MOTOROLA-MC14566B Datasheet
200Kb / 8P
Industrial Time Base Generator
logo
Rohm
BM6105FW-LBZ ROHM-BM6105FW-LBZ Datasheet
1Mb / 30P
Long Time Support Product for Industrial Applications
logo
Cooper Bussmann, Inc.
SL-15 COOPER-SL-15 Datasheet
147Kb / 2P
Rejection base plug fuses ??time-delay,
logo
List of Unclassifed Man...
1823A ETC2-1823A Datasheet
950Kb / 1P
짹1PPM Time base stability
logo
Maxim Integrated Produc...
MAX14832 MAXIM-MAX14832 Datasheet
781Kb / 20P
One-Time Programmable Industrial Sensor Output Driver
19-6847; Rev 4; 4/16
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
SMPTE Time Code Receiver/Generator
2019
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com