Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4566B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4566B
Description  INDUSTRIAL TIME-BASE GENERATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4566B Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4566B Datasheet HTML 1Page - STMicroelectronics HCC4566B Datasheet HTML 2Page - STMicroelectronics HCC4566B Datasheet HTML 3Page - STMicroelectronics HCC4566B Datasheet HTML 4Page - STMicroelectronics HCC4566B Datasheet HTML 5Page - STMicroelectronics HCC4566B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
HCC4566B
HCF4566B
September 1990
INDUSTRIAL TIME-BASE GENERATOR
PRODUCT PREVIEW
EY
(Plastic Package)
.
VERY LOW QUIESCENT CURRENT
.
HIGH NOISE IMMUNITY
.
SUPPLY VOLTAGE RANGE 3V TO 18V
.
NEGATIVE EDGE TRIGGERED COUNTERS
FOR EASY CASCADING
.
PULSE SHAPING ON COUNTER INPUTS AC-
CEPTS SLOW INPUT RISE TIMES
.
MONOSTABLE MULTIVIBRATOR POSITIVE
OR NEGATIVE EDGE TRIGGERED
ORDER CODES :
HCC4566 BF
HCF4566 BM1
HCF4566 BEY
HCF4566 BC1
F
(Ceramic Frit Seal Package)
M1
(Micro Package)
C1
(Plastic Chip Carrier)
The HCC4566B and HCF4566B are monolithic in-
tegrated circuits, available in 16-lead dual-in-line
plastic or ceramic packages and plastic micro pack-
ages.
The HCC4566B and HCF4566B are industrial time
base generators. They consist of a divide-by-10
ripple counter and a divide-by-5 or divide-by-6 ripple
counter to permit stable time generation from a 50
or 60Hz line.
Cascading these devices as divide by 60 counters
provides a seconds and minutes counter with an
output in BCD format. An internal monostable multi-
vibrator is included whose output can be used as a
reset or clock pulse providing additional frequency
flexibility. A divide-by-5 facility allows the generation
of a 1Hz signal from the European 50Hz-line.
DESCRIPTION
PIN CONNECTION (top view)
1/6


Similar Part No. - HCC4566B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4560B STMICROELECTRONICS-HCC4560B Datasheet
201Kb / 6P
NBCD ADDER
Sep-1990
HCC4560BF STMICROELECTRONICS-HCC4560BF Datasheet
201Kb / 6P
NBCD ADDER
Sep-1990
More results

Similar Description - HCC4566B

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14566B HITACHI-HD14566B Datasheet
76Kb / 5P
Industrial Time Base Generator
logo
Integrated Circuit Syst...
ICS2008B ICST-ICS2008B Datasheet
316Kb / 21P
SMPTE Time Code Receiver/Generator
Rev D 4/05/05
logo
List of Unclassifed Man...
CXD1132Q ETC1-CXD1132Q Datasheet
41Kb / 4P
C-MOS TIME CODE GENERATOR / READER
logo
Integrated Device Techn...
ICS2008B IDT-ICS2008B Datasheet
335Kb / 22P
SMPTE Time Code Receiver/Generator
logo
Motorola, Inc
MC14566B MOTOROLA-MC14566B Datasheet
200Kb / 8P
Industrial Time Base Generator
logo
Rohm
BM6105FW-LBZ ROHM-BM6105FW-LBZ Datasheet
1Mb / 30P
Long Time Support Product for Industrial Applications
logo
Cooper Bussmann, Inc.
SL-15 COOPER-SL-15 Datasheet
147Kb / 2P
Rejection base plug fuses ??time-delay,
logo
List of Unclassifed Man...
1823A ETC2-1823A Datasheet
950Kb / 1P
짹1PPM Time base stability
logo
Maxim Integrated Produc...
MAX14832 MAXIM-MAX14832 Datasheet
781Kb / 20P
One-Time Programmable Industrial Sensor Output Driver
19-6847; Rev 4; 4/16
logo
Renesas Technology Corp
ICS2008B RENESAS-ICS2008B Datasheet
733Kb / 23P
SMPTE Time Code Receiver/Generator
2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com