Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF740S Datasheet (PDF) - STMicroelectronics

IRF740S Datasheet PDF - STMicroelectronics
Part # IRF740S
Download  IRF740S Download
File Size   93.67 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 400V - 0.48 ohm - 10 A - D2PAK PowerMESH] MOSFET

IRF740S Datasheet (PDF)

Go To PDF Page Download Datasheet
IRF740S Datasheet PDF - STMicroelectronics

Part # IRF740S
Download  IRF740S Click to download

File Size   93.67 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description N - CHANNEL 400V - 0.48 ohm - 10 A - D2PAK PowerMESH] MOSFET

IRF740S Datasheet (HTML) - STMicroelectronics


IRF740S Product details

DESCRIPTION
This power MOSFET is designed using the company’s consolidated strip layout-based MESH OVERLAY process. This technology matches and improves the performances compared with standard parts from various sources.
   
■ TYPICAL RDS(on) = 0.48 Ω
■ EXTREMELY HIGH dv/dt CAPABILITY
■ 100% AVALANCHE TESTED
■ VERY LOW INTRINSIC CAPACITANCES
■ GATE CHARGE MINIMIZED
■ FOR THROUGH-HOLE VERSION CONTACT
    SALES OFFICE
   
APPLICATIONS
■ HIGH CURRENT SWITCHING
■ UNINTERRUPTIBLE POWER SUPPLY (UPS)
■ DC/DC COVERTERS FOR TELECOM,
    INDUSTRIAL, AND LIGHTING EQUIPMENT.
   




Similar Part No. - IRF740S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRF740S VISHAY-IRF740S Datasheet
174Kb / 9P
Power MOSFET
30-May-11
IRF740S VISHAY-IRF740S Datasheet
199Kb / 9P
Power MOSFET
30-Aug-2021
logo
International Rectifier
IRF740SPBF IRF-IRF740SPBF Datasheet
943Kb / 8P
HEXFET POWER MOSFET ( VDSS=400V , RDS(on)=0.55廓 , ID=10A )
logo
Vishay Siliconix
IRF740SPBF VISHAY-IRF740SPBF Datasheet
199Kb / 9P
Power MOSFET
30-Aug-2021
IRF740SPBF. VISHAY-IRF740SPBF. Datasheet
174Kb / 9P
Power MOSFET
30-May-11
More results


Similar Description - IRF740S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF730 STMICROELECTRONICS-IRF730 Datasheet
94Kb / 8P
N - CHANNEL 400V - 0.75 ohm - 5.5A - TO-220 PowerMESH] MOSFET
Aug-1998
IRF740 STMICROELECTRONICS-IRF740 Datasheet
93Kb / 8P
N - CHANNEL 400V - 0.48 ohm - 10 A - TO-220 PowerMESH] MOSFET
Oct-1998
STB10NB20 STMICROELECTRONICS-STB10NB20 Datasheet
81Kb / 8P
N - CHANNEL 200V - 0.30ohm - 10A - D2PAK PowerMESH] MOSFET
Nov-1998
STB10NB50 STMICROELECTRONICS-STB10NB50 Datasheet
85Kb / 8P
N - CHANNEL 500V - 0.55ohm - 10.6A - D2PAK PowerMESH] MOSFET
Mar-1999
STB10NC50-1 STMICROELECTRONICS-STB10NC50-1 Datasheet
55Kb / 7P
N - CHANNEL 500V - 0.48ohm - 10A - I2PAK/D2PAK PowerMESH] MOSFET
Dec-1999
STB4NC50 STMICROELECTRONICS-STB4NC50 Datasheet
244Kb / 8P
N-CHANNEL 500V - 2.2Ω - 4A D2PAK PowerMesh™ II MOSFET
Jul-2000
STB5NB80 STMICROELECTRONICS-STB5NB80 Datasheet
87Kb / 8P
N - CHANNEL 800V - 1.8ohm - 5A -D2PAK PowerMESH] MOSFET
Mar-1999
STB8NC50 STMICROELECTRONICS-STB8NC50 Datasheet
441Kb / 9P
N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh™ I MOSFET
Nov-2001
logo
MagnaChip Semiconductor...
MDIS5N40 MGCHIP-MDIS5N40 Datasheet
1Mb / 6P
N-Channel MOSFET 400V, 3.4 A, 1.6(ohm)
MDX5N40 MGCHIP-MDX5N40 Datasheet
871Kb / 7P
N-Channel MOSFET 400V, 3.4 A, 1.6(ohm)
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com