Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12050W Datasheet (PDF) - Artesyn Technologies

PTH12050W Datasheet PDF - Artesyn Technologies
Part # PTH12050W
Download  PTH12050W Download
File Size   597.92 Kbytes
Page   4 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 12 Vin Single Output

PTH12050W Datasheet (PDF)

Go To PDF Page Download Datasheet
PTH12050W Datasheet PDF - Artesyn Technologies

Part # PTH12050W
Download  PTH12050W Click to download

File Size   597.92 Kbytes
Page   4 Pages
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies
Description 12 Vin Single Output

PTH12050W Datasheet (HTML) - Artesyn Technologies


PTH12050W Product details

SPECIAL FEATURES
ƒƒ 6 A output current
ƒƒ 12 V input voltage
ƒƒWide-output voltage adjust: 1.2 - 5.5 Vdc for suffix ‘W’ 0.8 - 1.8 Vdc for suffix ‘L’
ƒƒ Auto-track™ sequencing*
ƒƒ Pre-bias start-up
ƒƒ Efficiencies up to 93%
ƒƒ Output ON/OFF inhibit
ƒƒ Output voltage sense
ƒƒ Point-of-Load-Alliance (POLA) compatible
ƒƒ RoHS compliant
ƒƒ Two year warranty




Similar Part No. - PTH12050W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Emerson Network Power
PTH12050W EMERSON-NETWORKPOWER-PTH12050W Datasheet
855Kb / 5P
12 Vin
logo
Artesyn Technologies
PTH12050WAD ARTESYN-PTH12050WAD Datasheet
201Kb / 4P
DC-DC CONVERTERS POLA Non-isolated
logo
Emerson Network Power
PTH12050WAD EMERSON-NETWORKPOWER-PTH12050WAD Datasheet
168Kb / 4P
DC-DC CONVERTERS
logo
Texas Instruments
PTH12050WAD TI1-PTH12050WAD Datasheet
1Mb / 26P
6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Similar Description - PTH12050W

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
SIL05E ARTESYN-SIL05E Datasheet
432Kb / 11P
0.75 Vin to 3.63 Vin Single output
SMT05E ARTESYN-SMT05E Datasheet
580Kb / 15P
0.75 Vin to 3.63 Vin Single output
SMT05E-12V ARTESYN-SMT05E-12V Datasheet
230Kb / 12P
0.8 Vin - 3.63 Vin Single output
SMT15E-12V ARTESYN-SMT15E-12V Datasheet
290Kb / 12P
0.8 Vin to 3.63 Vin Single output
logo
Emerson Network Power
SMT06C EMERSON-NETWORKPOWER-SMT06C Datasheet
297Kb / 4P
5 Vin and 12 Vin single output
SMT30E EMERSON-NETWORKPOWER-SMT30E Datasheet
948Kb / 5P
12 Vin single output
SIL30E-12W3V3-VJ EMERSON-NETWORKPOWER-SIL30E-12W3V3-VJ Datasheet
581Kb / 5P
12 Vin Single Output
logo
Artesyn Technologies
SMT15F-12S1V0J ARTESYN-SMT15F-12S1V0J Datasheet
297Kb / 5P
12 Vin single fixed output
SMT12F-03W2V6J ARTESYN-SMT12F-03W2V6J Datasheet
443Kb / 5P
3.3 Vin and 5 Vin single output
SMT40C-12SADJJ ARTESYN-SMT40C-12SADJJ_07 Datasheet
261Kb / 4P
12 Vin single output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com