Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2605 Datasheet (PDF) - STMicroelectronics

L2605 Datasheet PDF - STMicroelectronics
Part # L2605
Download  L2605 Download
File Size   79.21 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW DROPOUT VOLTAGE REGULATORS

L2605 Datasheet (PDF)

Go To PDF Page Download Datasheet
L2605 Datasheet PDF - STMicroelectronics

Part # L2605
Download  L2605 Click to download

File Size   79.21 Kbytes
Page   6 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW DROPOUT VOLTAGE REGULATORS

L2605 Datasheet (HTML) - STMicroelectronics


L2605 Product details

DESCRIPTION

The L2600 series og three terminal positive regulators is specially designed to stabilize power supplies car instrumentation in vehicles with 12V battery. Available with output voltages equal to 5V, 8.5 V, 10V, they can supply an output current to 500mA.

These devices are protected against load dump and field decay transients (±100V), reverse battery,

short circuit and thermal overload.



OUTPUT VOLTAGE OF 5, 8.5 AND 10 V

OUTPUT CURRENT UP TO 500 mA

NO EXTERNAL COMPONENTS

LOW DROP OUT VOLTAGE

OVERVOLTAGE PROTECTION (±100V)

REVERSE VOLTAGE PROTECTION

SHORT CIRCUIT PROTECTION

CURRENT LIMITING

THERMAL SHUTDOWN




Similar Part No. - L2605

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L260 IXYS-L260 Datasheet
216Kb / 8P
Converter - Brake - Inverter Module (CBI1)
logo
Polyfet RF Devices
L2601 POLYFET-L2601 Datasheet
57Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L2601 POLYFET-L2601_14 Datasheet
111Kb / 2P
RF POWER LDMOS TRANSISTOR
More results


Similar Description - L2605

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
LOW-DROPOUT VOLTAGE REGULATORS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com