Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2605 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L2605
Description  LOW DROPOUT VOLTAGE REGULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2605 Datasheet(HTML) 1 Page - STMicroelectronics

  L2605 Datasheet HTML 1Page - STMicroelectronics L2605 Datasheet HTML 2Page - STMicroelectronics L2605 Datasheet HTML 3Page - STMicroelectronics L2605 Datasheet HTML 4Page - STMicroelectronics L2605 Datasheet HTML 5Page - STMicroelectronics L2605 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
L2605
L2685-L2610
LOW DROPOUT VOLTAGE REGULATORS
March 1993
OUTPUT VOLTAGE OF 5, 8.5 AND 10 V
OUTPUT CURRENT UP TO 500 mA
NO EXTERNAL COMPONENTS
LOW DROP OUT VOLTAGE
OVERVOLTAGE PROTECTION (
± 100V)
REVERSE VOLTAGE PROTECTION
SHORT CIRCUIT PROTECTION
CURRENT LIMITING
THERMAL SHUTDOWN
DESCRIPTION
The L2600 series og three terminal positive regu-
lators is specially designed to stabilize power sup-
plies car instrumentation in vehicles
with 12V
battery. Available with output voltages equal to 5V,
8.5 V, 10V, they can supply an output current to
500mA.
These devices are protected against load dump
and field decay transients (
±100V), reverse battery,
short circuit and thermal overload.
Order codes
Output Voltage
TO-220
SOT-82
L2605V
L2605X
5 V
L2685V
L2685X
8.5 V
L2610V
L2610X
10 V
BLOCK DIAGRAM
TO-220
SOT-82
1/6


Similar Part No. - L2605

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
L260 IXYS-L260 Datasheet
216Kb / 8P
Converter - Brake - Inverter Module (CBI1)
logo
Polyfet RF Devices
L2601 POLYFET-L2601 Datasheet
57Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
L2601 POLYFET-L2601_14 Datasheet
111Kb / 2P
RF POWER LDMOS TRANSISTOR
More results

Similar Description - L2605

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL750L TI-TL750L Datasheet
124Kb / 18P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q Datasheet
541Kb / 33P
LOW-DROPOUT VOLTAGE REGULATORS
TPS71H01Q TI-TPS71H01Q Datasheet
634Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7133Q TI-TPS7133Q Datasheet
690Kb / 31P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_07 Datasheet
829Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TPS7101Q TI-TPS7101Q_08 Datasheet
858Kb / 40P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M TI-TL750M_08 Datasheet
812Kb / 22P
LOW-DROPOUT VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL2931AZ-5 IKSEMICON-IL2931AZ-5 Datasheet
120Kb / 3P
LOW DROPOUT VOLTAGE REGULATORS
logo
Texas Instruments
TL75LP05 TI1-TL75LP05 Datasheet
237Kb / 15P
LOW-DROPOUT VOLTAGE REGULATORS
TL750M05 TI-TL750M05_15 Datasheet
1Mb / 24P
LOW-DROPOUT VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com