Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2605 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L2605
Description  LOW DROPOUT VOLTAGE REGULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2605 Datasheet(HTML) 3 Page - STMicroelectronics

  L2605 Datasheet HTML 1Page - STMicroelectronics L2605 Datasheet HTML 2Page - STMicroelectronics L2605 Datasheet HTML 3Page - STMicroelectronics L2605 Datasheet HTML 4Page - STMicroelectronics L2605 Datasheet HTML 5Page - STMicroelectronics L2605 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Io = 500 mA
Vi = 12 to 16 V (L2605)
Vi = 12 to 16 V (L2685)
Vi = 12 to 16 V (L2610
4.80
8.15
9.60
5.00
8.50
10.00
•
5.20
8.85
10.40
V
Vi
Operating Input
Voltage
See Note (*)
28
V
∆ Vo
Vo
Line Regulation
Io =50 mA
Vi = 12 to 20 V
2
8
mV/V
Load Regulation
Vi =14 V
Io = 50 to 500 mA
4
9
mV/V
∆Vi-o
Dropout Voltage
Io = 500 mA
1.9
V
Id
Quiescent Current
Io =50 mA
20
45
mA
∆ Vo
∆ T
Output Voltage Drift
Io =50 mA
Vi =14 V
Tamb = - 12 to 80
°C
- 1
mV/
°C
Isc
Output Short Circuit
Current
1.1
1.8
A
SVR
Supply Voltage
Rejection
Vi =16
f = 100 Hz
Vi =2 V
Io = 500 mA
60
dB
Ro
Output Resistance
Io = 500 mA
0.05
Ω
eN
Output Noise Voltage
BW = 100 Hz to 10 KHz
20
µV
ELECTRICAL CHARACTERISTICS (Tj =25
°C, Vi = 14V, unless otherwise specified)
(*) Note: For DC innput voltage 28 V <Vi <35 V the device is not operating
Symbol
Parameter
Test Condition s
Min.
Typ.
Max.
Unit
Vo
Output Voltage
Io = 500 mA
Vi = 12.5 to 16 V (L2605)
Vi = 12.5 to 16 V (L2685)
Vi = 12.5 to 16 V 2610)
4.70
8.00
9.40
5.00
8.50
10.00
5.30
9.00
10.60
V
Vi
Operating Input
Voltage
See Note (
°)26
V
∆ Vo
Vo
Line Regulation
Io =50 mA
Vi = 12.5 to 20 V
3
12
mV/V
Load Regulation
Vi =14 V
Io = 50 to 500 mA,
5
13
mV/V
∆Vi-o
Dropout Voltage
Io = 500 mA
2.5
V
Id
Quiescent Current
Io =50 mA
29
65
mA
Isc
Output Short Circuit
Current
1.1
2.1
A
ELECTRICAL CHARACTERISTICS (- 40
≤ Tj ≤ 125 °C (note 2), Vi = 14 V, unless otherwise specified)
Notes:(
°). For a DC input voltage 26 V < Vi < 35 V the device is not operating.
2. The limits are guarandeed by design correlation and statistical control on production samples over the indicated
temperature and supply voltage ranges.
3/6
L2605-L2685-L2610



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com