Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L2605 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L2605
Description  LOW DROPOUT VOLTAGE REGULATORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2605 Datasheet(HTML) 4 Page - STMicroelectronics

  L2605 Datasheet HTML 1Page - STMicroelectronics L2605 Datasheet HTML 2Page - STMicroelectronics L2605 Datasheet HTML 3Page - STMicroelectronics L2605 Datasheet HTML 4Page - STMicroelectronics L2605 Datasheet HTML 5Page - STMicroelectronics L2605 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4/6
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.8
0.189
C
1.37
0.054
D
2.4
2.8
0.094
0.110
D1
1.2
1.35
0.047
0.053
E
0.35
0.55
0.014
0.022
F
0.8
1.05
0.031
0.041
F2
1.15
1.4
0.045
0.055
G
4.95
5.08
5.21
0.195
0.200
0.205
H2
10.4
0.409
H3
10.05
10.4
0.396
0.409
L2
16.2
0.638
L3
26.3
26.7
27.1
1.035
1.051
1.067
L5
2.6
3
0.102
0.118
L6
15.1
15.8
0.594
0.622
L7
6
6.6
0.236
0.260
Dia
3.65
3.85
0.144
0.152
TO220 PACKAGE MECHANICAL DATA
L2605-L2685-L2610



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com