Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HWS486 Datasheet (PDF) - Hexawave, Inc

HWS486 Datasheet PDF - Hexawave, Inc
Part # HWS486
Download  HWS486 Download
File Size   86.28 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-6 GHz SPDT Terminated Switch

HWS486 Datasheet (PDF)

Go To PDF Page Download Datasheet
HWS486 Datasheet PDF - Hexawave, Inc

Part # HWS486
Download  HWS486 Click to download

File Size   86.28 Kbytes
Page   2 Pages
Manufacturer  HW [Hexawave, Inc]
Direct Link  http://www.hw.com.tw
Logo HW - Hexawave, Inc
Description GaAs DC-6 GHz SPDT Terminated Switch

HWS486 Datasheet (HTML) - Hexawave, Inc


HWS486 Product details

Description
The HWS486 is a GaAs PHEMT MMIC SPDT switch operating at DC-6 GHz in a miniature ETSLP(1.5 x 1.5 mm) plastic lead (Pb) free package. The HWS486 features low insertion loss and high isolation with very low DC power consumption. This switch can be used in WiMAX or IEEE 802.11a/b/g WLAN PC card and access point applications as transmit/receive switch, antenna diversity switch, or band-selection switch.

Features
• Low Insertion Loss : 0.50 dB @ 2.7 GHz 0.60 dB @ 5.8 GHz
• Isolation: 29 dB @ 2.7 GHz 22 dB @ 5.8 GHz
• Low DC Power Consumption
• Miniature ETSLP (1.5x1.5 mm) Plastic Lead (Pb) Free and RoHS Compliant Package
• PHEMT process




Similar Part No. - HWS486

ManufacturerPart #DatasheetDescription
logo
Hexawave, Inc
HWS486_V6 HW-HWS486_V6_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz SPDT Terminated Switch
More results


Similar Description - HWS486

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0180 MACOM-MASWSS0180 Datasheet
177Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
SW-338 MACOM-SW-338 Datasheet
172Kb / 3P
GaAs SPDT Terminated Switch DC - 2.5 GHz
logo
Hexawave, Inc
HWS429 HW-HWS429 Datasheet
88Kb / 3P
GaAs DC-3 GHz SPDT Terminated Switch
HWS434 HW-HWS434 Datasheet
74Kb / 2P
GaAs DC-2.5 GHz SPDT Terminated Switch
HWS447 HW-HWS447 Datasheet
99Kb / 2P
GaAs DC-6 GHz SPDT Terminated Switch
HWS2352 HW-HWS2352 Datasheet
107Kb / 2P
GaAs DC-2.0 GHz SPDT Terminated Switch
logo
M/A-COM Technology Solu...
MASW-007935 MA-COM-MASW-007935 Datasheet
127Kb / 4P
GaAs SPDT Terminated Switch DC - 3.0 GHz
logo
Hexawave, Inc
HWS486_V6 HW-HWS486_V6_15 Datasheet
59Kb / 2P
GaAs DC-6 GHz SPDT Terminated Switch
HWS447_V6 HW-HWS447_V6_15 Datasheet
62Kb / 2P
GaAs DC-6 GHz SPDT Terminated Switch
HWS531_V2 HW-HWS531_V2 Datasheet
54Kb / 3P
GaAs 0.5-6 GHz SPDT Terminated Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com