Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP262GS Datasheet (PDF) - Analog Devices

OP262GS Datasheet PDF - Analog Devices
Part # OP262GS
Download  OP262GS Download
File Size   955.54 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15 MHz Rail-to-Rail Operational Amplifiers

OP262GS Datasheet (PDF)

Go To PDF Page Download Datasheet
OP262GS Datasheet PDF - Analog Devices

Part # OP262GS
Download  OP262GS Click to download

File Size   955.54 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15 MHz Rail-to-Rail Operational Amplifiers

OP262GS Datasheet (HTML) - Analog Devices


OP262GS Product details

GENERAL DESCRIPTION
The OP162 (single), OP262 (dual), and OP462 (quad) rail-to-rail 15 MHz amplifiers feature the extra speed new designs require, with the benefits of precision and low power operation. With their incredibly low offset voltage of 45 µV (typical) and low noise, they are perfectly suited for precision filter applications and instrumentation. The low supply current of 500 µA (typical) is critical for portable or densely packed designs. In addition, the rail-to-rail output swing provides greater dynamic range and control than standard video amplifiers.
These products operate from single supplies as low as 2.7 V to dual supplies of ±6 V. The fast settling times and wide output swings recommend them for buffers to sampling A/D converters. The output drive of 30 mA (sink and source) is needed for many audio and display applications; more output current can be supplied for limited durations. The OPx62 family is specified over the extended industrial temperature range (–40°C to +125°C). The single OP162 amplifiers are available in 8-lead SOIC package. The dual OP262 amplifiers are available in 8-lead SOIC and TSSOP packages. The quad OP462 amplifiers are available in 14-lead, narrow-body SOIC and TSSOP packages.

FEATURES
   Wide bandwidth: 15 MHz
   Low offset voltage: 325 µV max
   Low noise: 9.5 nV/√Hz @ 1 kHz
   Single-supply operation: 2.7 V to 12 V
   Rail-to-rail output swing
   Low TCVOS: 1 µV/°C typ
   High slew rate: 13 V/µs
   No phase inversion
   Unity-gain stable

APPLICATIONS
   Portable instrumentation
   Sampling ADC amplifier
   Wireless LANs
   Direct access arrangement
   Office automation




Similar Part No. - OP262GS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP262GS AD-OP262GS Datasheet
1Mb / 16P
15 MHz Rail-to-Rail Operational Amplifiers
10/02-Data Sheet changed from REV. C to REV. D.
OP262GS AD-OP262GS Datasheet
470Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP262GS-REEL AD-OP262GS-REEL Datasheet
470Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP262GS-REEL7 AD-OP262GS-REEL7 Datasheet
470Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP262GSZ AD-OP262GSZ Datasheet
470Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
More results


Similar Description - OP262GS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Analog Devices
AD8519 AD-AD8519 Datasheet
193Kb / 12P
8 MHz Rail-to-Rail Operational Amplifiers
2/03-Data Sheet changed from REV. B to REV. C.
OP162 AD-OP162 Datasheet
1Mb / 16P
15 MHz Rail-to-Rail Operational Amplifiers
10/02-Data Sheet changed from REV. C to REV. D.
AD8519 AD-AD8519_07 Datasheet
399Kb / 16P
8 MHz Rail-to-Rail Operational Amplifiers
REV. D
logo
Global Mixed-mode Techn...
G1582 GMT-G1582 Datasheet
604Kb / 1P
Rail-to-Rail Operational Amplifiers
logo
Analog Devices
OP162 AD-OP162_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP262 AD-OP262_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
OP462 AD-OP462_15 Datasheet
471Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
logo
Texas Instruments
LM6142 TI1-LM6142 Datasheet
1Mb / 26P
17 MHz Rail-to-Rail Input-Output Operational Amplifiers
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com