Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP262GS Datasheet(PDF) 6 Page - Analog Devices

Part # OP262GS
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP262GS Datasheet(HTML) 6 Page - Analog Devices

Back Button OP262GS Datasheet HTML 2Page - Analog Devices OP262GS Datasheet HTML 3Page - Analog Devices OP262GS Datasheet HTML 4Page - Analog Devices OP262GS Datasheet HTML 5Page - Analog Devices OP262GS Datasheet HTML 6Page - Analog Devices OP262GS Datasheet HTML 7Page - Analog Devices OP262GS Datasheet HTML 8Page - Analog Devices OP262GS Datasheet HTML 9Page - Analog Devices OP262GS Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
OP162/OP262/OP462
Rev. F | Page 6 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Min
Supply Voltage
±6 V
Input Voltage1
±6 V
Differential Input Voltage2
±0.6 V
Internal Power Dissipation
SOIC (S)
Observe Derating Curves
MSOP (RM)
Observe Derating Curves
TSSOP (RU)
Observe Derating Curves
Output Short-Circuit Duration
Observe Derating Curves
Storage Temperature Range
–65°C to +150°C
Operating Temperature Range
–40°C to +125°C
Junction Temperature Range
–65°C to +150°C
Lead Temperature Range
(Soldering, 10 sec)
300°C
1 For supply voltages greater than 6 V, the input voltage is limited to less than
or equal to the supply voltage.
2 For differential input voltages greater than 0.6 V, the input current should be
limited to less than 5 mA to prevent degradation or destruction of the input
devices.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operation section
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 5.
Package Type
θJA1
θJC
Unit
8-Lead SOIC (S)
157
56
°C/W
8-Lead TSSOP (RU)
208
°C/W
8-Lead MSOP (RM)
190
44
°C/W
14-Lead SOIC (S)
105
°C/W
14-Lead TSSOP (RU)
148
°C/W
____________________________
1 θJA is specified for the worst-case conditions, that is, θJA is specified for a
device soldered in circuit board for SOIC, MSOP, and TSSOP packages
.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com