Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP262GS Datasheet(PDF) 16 Page - Analog Devices

Part # OP262GS
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP262GS Datasheet(HTML) 16 Page - Analog Devices

Back Button OP262GS Datasheet HTML 12Page - Analog Devices OP262GS Datasheet HTML 13Page - Analog Devices OP262GS Datasheet HTML 14Page - Analog Devices OP262GS Datasheet HTML 15Page - Analog Devices OP262GS Datasheet HTML 16Page - Analog Devices OP262GS Datasheet HTML 17Page - Analog Devices OP262GS Datasheet HTML 18Page - Analog Devices OP262GS Datasheet HTML 19Page - Analog Devices OP262GS Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
OP162/OP262/OP462
Rev. F | Page 16 of 20
APPLICATION CIRCUITS
SINGLE-SUPPLY STEREO HEADPHONE DRIVER
Figure 46 shows a stereo headphone output amplifier that can
operate from a single 5 V supply. The reference voltage is
derived by dividing the supply voltage down with two 100 kΩ
resistors. A 10 µF capacitor prevents power supply noise from
contaminating the audio signal and establishes an ac ground for
the volume control potentiometers.
The audio signal is ac-coupled to each noninverting input
through a 10 µF capacitor. The gain of the amplifier is con-
trolled by the feedback resistors and is (R2/R1) + 1. For this
example, the gain is 6. By removing R1, the amplifier would
have unity gain. To short-circuit protect the output of the
device, a 169 Ω resistor is placed at the output in the feedback
network. This prevents any damage to the device if the head-
phone output becomes shorted. A 270 µF capacitor is used at
the output to couple the amplifier to the headphone. This value
is much larger than that used for the input because of the low
impedance of headphones, which can range from 32 Ω to 600 Ω
or more.
OP262-A
5V
169
Ω
270
µF
47k
Ω
L VOLUME
CONTROL
R1 = 10k
Ω
10
µF
10
µF
10k
Ω
5V
100k
Ω
10
µF
100k
Ω
R2 = 50k
Ω
LEFT IN
OP262-B
5V
169
Ω
270
µF
47k
Ω
HEADPHONE
RIGHT
HEADPHONE
LEFT
10k
Ω
R VOLUME
CONTROL
10
µF
RIGHT IN
R2 = 50k
Ω
10
µF
R1 = 10k
Ω
Figure 46. Headphone Output Amplifier
INSTRUMENTATION AMPLIFIER
Because of their high speed, low offset voltages, and low noise
characteristics, the OP162/OP262/OP462 can be used in a wide
variety of high speed applications, including precision instru-
mentation amplifiers. Figure 47 shows an example of such an
application.
OP462-A
OP462-B
OP462-C
OP462-D
–VIN
+VIN
1k
Ω
10k
Ω
2k
Ω
1.9k
Ω
200
Ω
10 TURN
(OPTIONAL)
OUTPUT
RG
1k
Ω
10k
Ω
2k
Ω
2k
Ω
Figure 47. High Speed Instrumentation Amplifier
The differential gain of the circuit is determined by RG, where
G
DIFF
R
A
2
1 +
=
with the RG resistor value in kΩ. Removing RG sets the circuit
gain to unity.
The fourth op amp, OP462-D, is optional and is used to
improve CMRR by reducing any input capacitance to the
amplifier. By shielding the input signal leads and driving the
shield with the common-mode voltage, input capacitance is
eliminated at common-mode voltages. This voltage is derived
from the midpoint of the outputs of OP462-A and OP462-B by
using two 10 kΩ resistors followed by OP462-D as a unity-gain
buffer.
It is important to use 1% or better tolerance components for the
2 kΩ resistors, as the common-mode rejection is dependent on
their ratios being exact. A potentiometer should also be connected
in series with the OP462-C noninverting input resistor to ground
to optimize common-mode rejection.
The circuit in Figure 47 was implemented to test its settling
time. The instrumentation amp was powered with −5 V, so the
input step voltage went from −5 V to +4 V to keep the OP462
within its input range. Therefore, the 0.05% settling range is
when the output is within 4.5 mV. Figure 48 shows the positive
slope settling time to be 1.8 µs, and Figure 49 shows a settling
time of 3.9 µs for the negative slope.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com