Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP262GS Datasheet(PDF) 8 Page - Analog Devices

Part # OP262GS
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP262GS Datasheet(HTML) 8 Page - Analog Devices

Back Button OP262GS Datasheet HTML 4Page - Analog Devices OP262GS Datasheet HTML 5Page - Analog Devices OP262GS Datasheet HTML 6Page - Analog Devices OP262GS Datasheet HTML 7Page - Analog Devices OP262GS Datasheet HTML 8Page - Analog Devices OP262GS Datasheet HTML 9Page - Analog Devices OP262GS Datasheet HTML 10Page - Analog Devices OP262GS Datasheet HTML 11Page - Analog Devices OP262GS Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
OP162/OP262/OP462
Rev. F | Page 8 of 20
TEMPERATURE (
°C)
5.12
5.06
5.00
4.94
4.88
4.82
–75
–50
–25
0
25
50
100
75
125
150
VS = 5V
IOUT = 250µA
IOUT = 5mA
Figure 13. OP462 Output High Voltage vs. Temperature
TEMPERATURE (
°C)
0.100
0.080
0.060
0.040
0.020
0.000
–75
–50
–25
0
25
50
100
75
125
150
VS = 5V
IOUT = 250µA
IOUT = 5mA
Figure 14. OP462 Output Low Voltage vs. Temperature
TEMPERATURE (
°C)
100
80
60
40
20
0
–75
–50
–25
0
25
50
100
75
125
150
VS = 5V
RL = 10kΩ
RL = 2kΩ
RL = 600kΩ
Figure 15. OP462 Open-Loop Gain vs. Temperature
LOAD CURRENT (mA)
100
80
60
40
20
0
01
2
3
4
5
6
7
VS = 3V
VS = 10V
Figure 16. Output Low Voltage to Supply Rail vs. Load Current
TEMPERATURE (
°C)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
–75
–50
–25
0
25
100
75
125
150
VS = 5V
VS = 10V
VS = 3V
Figure 17. Supply Current/Amplifier vs. Temperature
SUPPLY VOLTAGE (V)
0.7
0.6
0.5
0.4
02
4
6
8
10
12
TA = 25°C
Figure 18. OP462 Supply Current/Amplifier vs. Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com