Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP262GS Datasheet(PDF) 7 Page - Analog Devices

Part # OP262GS
Description  15 MHz Rail-to-Rail Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP262GS Datasheet(HTML) 7 Page - Analog Devices

Back Button OP262GS Datasheet HTML 3Page - Analog Devices OP262GS Datasheet HTML 4Page - Analog Devices OP262GS Datasheet HTML 5Page - Analog Devices OP262GS Datasheet HTML 6Page - Analog Devices OP262GS Datasheet HTML 7Page - Analog Devices OP262GS Datasheet HTML 8Page - Analog Devices OP262GS Datasheet HTML 9Page - Analog Devices OP262GS Datasheet HTML 10Page - Analog Devices OP262GS Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
OP162/OP262/OP462
Rev. F | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5V
TA = 25°C
COUNT =
720 OP AMPS
INPUT OFFSET VOLTAGE (
µV)
250
200
150
50
100
0
–200
–140
–80
–20
100
40
160
Figure 7. OP462 Input Offset Voltage Distribution
VS = 5V
TA = 25°C
COUNT =
360 OP AMPS
INPUT OFFSET DRIFT, TCVOS (µV,°C)
100
80
60
20
40
0
0.2
0.3
0.5
0.7
0.9
1.3
1.1
1.5
Figure 8. OP462 Input Offset Voltage Drift (TCVOS)
COMMON-MODE VOLTAGE (V)
420
340
260
180
100
0
0.5
1.0
1.5
2.0
3.0
2.5
3.5
4.0
VS = 5V
Figure 9. OP462 Input Bias Current vs. Common-Mode Voltage
TEMPERATURE (
°C)
125
100
75
50
25
0
–75
–50
–25
0
25
50
100
75
125
150
VS = 5V
Figure 10. OP462 Input Offset Voltage vs. Temperature
TEMPERATURE (
°C)
0
–100
–200
–300
–400
–500
–50
–25
0
25
50
100
75
125
150
VS = 5V
Figure 11. OP462 Input Bias Current vs. Temperature
TEMPERATURE (
°C)
15
10
5
0
–75
–50
–25
0
25
50
100
75
125
150
VS = 5V
Figure 12. OP462 Input Offset Current vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com