Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6280 Datasheet (PDF) - STMicroelectronics

L6280 Datasheet PDF - STMicroelectronics
Part # L6280
Download  L6280 Download
File Size   388.49 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description THREE CHANNELS MULTIPOWER DRIVER SYSTEM

L6280 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6280 Datasheet PDF - STMicroelectronics

Part # L6280
Download  L6280 Click to download

File Size   388.49 Kbytes
Page   26 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description THREE CHANNELS MULTIPOWER DRIVER SYSTEM

L6280 Datasheet (HTML) - STMicroelectronics


L6280 Product details

DESCRIPTION
The L6280 is a multipower driver system for motor and solenoid control applicatios that connects directly to a microprocessor bus. Realized in Multipower BCD technology -- which combines isolated DMOS transistors, CMOS & bipolar circuits on the same chip -- it integrates two 1A motor drivers (channels 1 & 2) a 3A solenoid driver (channel 3) and a 5V switchmode power supply.

■ PROGRAMMABLE CONFIGURATION (CHANNELS 1 AND 2)
■ OUTPUT CURRENT UP TO 1A (CHANNELS 1 AND 2)
■ 1 SENSE PER CHANNEL
■ OUTPUT CURRENT CHANNEL 3 UP TO 3A
■ DIRECT INTERFACE TO MICROPROCESSOR
■ C-MOS COMPATIBLE INPUT
■ INTERNAL DC-DC CONVERTER FOR LOGIC SUPPLY (+5V)
■ POWER FAIL
■ WATCHDOG MANAGEMENT
■ THERMAL PROTECTION
■ VERY LOW DISSIPATED POWER (SUITABLE FOR USE IN BATTERY SUPPLIED APPLICATIONS)




Similar Part No. - L6280

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6285 STMICROELECTRONICS-L6285 Datasheet
303Kb / 16P
3 CHANNELS MULTIPOWER SYSTEM
May-1994
L6285S STMICROELECTRONICS-L6285S Datasheet
303Kb / 16P
3 CHANNELS MULTIPOWER SYSTEM
May-1994
logo
Hamamatsu Corporation
L6286 HAMAMATSU-L6286 Datasheet
273Kb / 2P
Subminiature LED
L6286 HAMAMATSU-L6286 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
STMicroelectronics
L6287 STMICROELECTRONICS-L6287 Datasheet
91Kb / 9P
POWER COMBO DRIVER
Feb-1997
More results


Similar Description - L6280

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6285 STMICROELECTRONICS-L6285 Datasheet
303Kb / 16P
3 CHANNELS MULTIPOWER SYSTEM
May-1994
logo
SMSC Corporation
EMC1133 SMSC-EMC1133 Datasheet
211Kb / 3P
SST Compliant Hardware Monitor with Three Temperature Channels and Three Voltage Channels
logo
Agamem Microelectronic ...
AA7623SP AGAMEM-AA7623SP Datasheet
76Kb / 4P
Three Channels Video Driver
logo
Integrated Silicon Solu...
IS31FL3218 ISSI-IS31FL3218 Datasheet
342Kb / 13P
18 CHANNELS LED DRIVER
IS31FL3236 ISSI-IS31FL3236 Datasheet
575Kb / 15P
36 CHANNELS LED DRIVER
logo
Global Mixed-mode Techn...
G5968B GMT-G5968B Datasheet
109Kb / 2P
8-Channels LED Driver
logo
STMicroelectronics
STA533WF STMICROELECTRONICS-STA533WF Datasheet
258Kb / 15P
Multipower BCD technology
22-Jun-2011
logo
AMtek SEMICONDUCTORS CO...
AM1217S AMTEK-AM1217S Datasheet
597Kb / 13P
Three Channels Power Driver
Sep. 2014 V1.0
AM1219S AMTEK-AM1219S Datasheet
614Kb / 13P
Three Channels Power Driver
Sep. 2014 V1.0
AM1229D AMTEK-AM1229D Datasheet
469Kb / 10P
Three Channels Power Motor Driver
Sep. 2014 V1.0
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com