Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6285 Datasheet (PDF) - STMicroelectronics

L6285 Datasheet PDF - STMicroelectronics
Part # L6285
Download  L6285 Download
File Size   303.32 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 CHANNELS MULTIPOWER SYSTEM

L6285 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6285 Datasheet PDF - STMicroelectronics

Part # L6285
Download  L6285 Click to download

File Size   303.32 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 CHANNELS MULTIPOWER SYSTEM

L6285 Datasheet (HTML) - STMicroelectronics


L6285 Product details

DESCRIPTION
This Combo Motor Driver uses large scale integration to incorporate several functions into the same chip.
   1) Two unipolar stepper motor driver
   2) A full bridge DC motor driver
   3) Serial microprocesor interface The power output stages are DMOS and the input can be interfaced to a CMOS Microprocessor logic.
The phase current in the unipolar stepper motor windings is controlled by two external sensing resistors in fixed frequency chopping mode. The oscillator block provides clocks each other 180° out of phase to the two stepper motor driver in order to avoid symultaneous current peaks.

■ CHANNEL-A AND CHANNEL-B FOR UNIPOLAR STEPPER MOTORS
   – LOW SIDE: RDSON = 1.2Ω
   – HIGH SIDE ; RDSON = 1.2Ω
■ CHANNEL-C FOR DC MOTORS
   – LOW SIDE: RDSON = 1.7Ω
   – HIGH SIDE: RDSON = 1.2Ω
■ CHOPPING MODE DRIVING FOR C.L. CURRENT CONTROL ON CHA AND CHB AND O.L. VOLTAGE CONTROL ON CHC.
■ INTERNAL FOUR DRIVING LATCHES
■ 16 BIT INTERNAL SHIFT REGISTER
■ DIRECT INTERFACE TO µP
■ SERIAL DRIVING SEQUENCE LOADING
■ CMOS COMPATIBLE INPUTS
■ PRE-ALARM OUTPUT SIGNAL
■ THERMAL SHUTDOWN




Similar Part No. - L6285

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6280 STMICROELECTRONICS-L6280 Datasheet
388Kb / 26P
THREE CHANNELS MULTIPOWER DRIVER SYSTEM
Jan-1992
logo
Hamamatsu Corporation
L6286 HAMAMATSU-L6286 Datasheet
273Kb / 2P
Subminiature LED
L6286 HAMAMATSU-L6286 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
STMicroelectronics
L6287 STMICROELECTRONICS-L6287 Datasheet
91Kb / 9P
POWER COMBO DRIVER
Feb-1997
logo
Hamamatsu Corporation
L6287 HAMAMATSU-L6287 Datasheet
127Kb / 2P
Miniature LED
More results


Similar Description - L6285

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6280 STMICROELECTRONICS-L6280 Datasheet
388Kb / 26P
THREE CHANNELS MULTIPOWER DRIVER SYSTEM
Jan-1992
logo
List of Unclassifed Man...
TLP629-3 ETC1-TLP629-3 Datasheet
86Kb / 2P
12PIN DIP 3-CHANNELS TYPE
logo
ADDtek Corp
A708 ADDTEK-A708 Datasheet
177Kb / 8P
3 CHANNELS 20mA ADVANCED CURRENT REGULATOR
AUGUST 2007
logo
STMicroelectronics
STA335BW STMICROELECTRONICS-STA335BW Datasheet
604Kb / 54P
2.1 channels high efficiency digital audio system
20-Dec-2006
STA533WF STMICROELECTRONICS-STA533WF Datasheet
258Kb / 15P
Multipower BCD technology
22-Jun-2011
logo
DATEL, Inc.
5962-8851403XA DATEL-5962-8851403XA Datasheet
143Kb / 1P
8 Channels Complete Data Acquisition System
5962-8851403XC DATEL-5962-8851403XC Datasheet
143Kb / 1P
16 Channels Complete Data Acquisition System
5962-8851404XA DATEL-5962-8851404XA Datasheet
143Kb / 1P
16 Channels Complete Data Acquisition System
5962-8851404XC DATEL-5962-8851404XC Datasheet
143Kb / 1P
16 Channels Complete Data Acquisition System
logo
GREEGOO Electric Co.,Lt...
GCM-5A10N32 GREEGOO-GCM-5A10N32 Datasheet
576Kb / 3P
GCM-5A10N32 ( 3 channels NO & 2 channels NC )
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com