Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6285 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6285
Description  3 CHANNELS MULTIPOWER SYSTEM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6285 Datasheet(HTML) 1 Page - STMicroelectronics

  L6285 Datasheet HTML 1Page - STMicroelectronics L6285 Datasheet HTML 2Page - STMicroelectronics L6285 Datasheet HTML 3Page - STMicroelectronics L6285 Datasheet HTML 4Page - STMicroelectronics L6285 Datasheet HTML 5Page - STMicroelectronics L6285 Datasheet HTML 6Page - STMicroelectronics L6285 Datasheet HTML 7Page - STMicroelectronics L6285 Datasheet HTML 8Page - STMicroelectronics L6285 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
L6285
3 CHANNELS MULTIPOWER SYSTEM
ADVANCE DATA
CHANNEL-A AND CHANNEL-B FOR UNIPO-
LAR STEPPER MOTORS
– LOW SIDE: RDSON = 1.2
Ω
– HIGH SIDE ; RDSON = 1.2
Ω
CHANNEL-C FOR DC MOTORS
– LOW SIDE: RDSON = 1.7
Ω
– HIGH SIDE: RDSON = 1.2
Ω
CHOPPING MODE DRIVING FOR C.L. CUR-
RENT CONTROL ON CHA AND CHB AND
O.L. VOLTAGE CONTROL ON CHC.
INTERNAL FOUR DRIVING LATCHES
16 BIT INTERNAL SHIFT REGISTER
DIRECT INTERFACE TO
µP
SERIAL DRIVING SEQUENCE LOADING
CMOS COMPATIBLE INPUTS
PRE-ALARM OUTPUT SIGNAL
THERMAL SHUTDOWN
DESCRIPTION
This Combo Motor Driver uses large scale inte-
gration to incorporate several functions into the
same chip.
1) Two unipolar stepper motor driver
2) A full bridge DC motor driver
3) Serial microprocesor interface
The power output stages are DMOS and the input
can be interfaced to a CMOS Microprocessor
logic.
The phase current in the unipolar stepper motor
windings is controlled by two external sensing re-
sistors in fixed frequency chopping mode. The os-
cillator block provides clocks each other 180
° out
of phase to the two stepper motor driver in order
to avoid symultaneous current peaks.
For the DC motor driver is used a bridge; the
RMS voltage to supply this motor is fixed by a
This is advanced information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
May 1994
ORDERING NUMBERS:
L6285
L6285S
PLCC44
SDIP42
MULTIPOWER BCD TECHNOLOGY
BLOCK DIAGRAM
1/16


Similar Part No. - L6285

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6280 STMICROELECTRONICS-L6280 Datasheet
388Kb / 26P
THREE CHANNELS MULTIPOWER DRIVER SYSTEM
Jan-1992
logo
Hamamatsu Corporation
L6286 HAMAMATSU-L6286 Datasheet
273Kb / 2P
Subminiature LED
L6286 HAMAMATSU-L6286 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
STMicroelectronics
L6287 STMICROELECTRONICS-L6287 Datasheet
91Kb / 9P
POWER COMBO DRIVER
Feb-1997
logo
Hamamatsu Corporation
L6287 HAMAMATSU-L6287 Datasheet
127Kb / 2P
Miniature LED
More results

Similar Description - L6285

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6280 STMICROELECTRONICS-L6280 Datasheet
388Kb / 26P
THREE CHANNELS MULTIPOWER DRIVER SYSTEM
Jan-1992
logo
List of Unclassifed Man...
TLP629-3 ETC1-TLP629-3 Datasheet
86Kb / 2P
12PIN DIP 3-CHANNELS TYPE
logo
ADDtek Corp
A708 ADDTEK-A708 Datasheet
177Kb / 8P
3 CHANNELS 20mA ADVANCED CURRENT REGULATOR
AUGUST 2007
logo
STMicroelectronics
STA335BW STMICROELECTRONICS-STA335BW Datasheet
604Kb / 54P
2.1 channels high efficiency digital audio system
20-Dec-2006
STA533WF STMICROELECTRONICS-STA533WF Datasheet
258Kb / 15P
Multipower BCD technology
22-Jun-2011
logo
DATEL, Inc.
5962-8851403XA DATEL-5962-8851403XA Datasheet
143Kb / 1P
8 Channels Complete Data Acquisition System
5962-8851403XC DATEL-5962-8851403XC Datasheet
143Kb / 1P
16 Channels Complete Data Acquisition System
5962-8851404XA DATEL-5962-8851404XA Datasheet
143Kb / 1P
16 Channels Complete Data Acquisition System
5962-8851404XC DATEL-5962-8851404XC Datasheet
143Kb / 1P
16 Channels Complete Data Acquisition System
logo
GREEGOO Electric Co.,Lt...
GCM-5A10N32 GREEGOO-GCM-5A10N32 Datasheet
576Kb / 3P
GCM-5A10N32 ( 3 channels NO & 2 channels NC )
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com