Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6285 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6285
Description  3 CHANNELS MULTIPOWER SYSTEM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6285 Datasheet(HTML) 5 Page - STMicroelectronics

  L6285 Datasheet HTML 1Page - STMicroelectronics L6285 Datasheet HTML 2Page - STMicroelectronics L6285 Datasheet HTML 3Page - STMicroelectronics L6285 Datasheet HTML 4Page - STMicroelectronics L6285 Datasheet HTML 5Page - STMicroelectronics L6285 Datasheet HTML 6Page - STMicroelectronics L6285 Datasheet HTML 7Page - STMicroelectronics L6285 Datasheet HTML 8Page - STMicroelectronics L6285 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ELECTRICAL CHARACTERISTICS (continued)
OSCILLATOR (see Fig. 6)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
fosc
Oscillator Frequency
Pin OSC/RESET
COSC = 3.3nF; ROSC = 10K
27
41
46
KHz
Tdsc
Capacitor Discharge Time
(protect dead time)
COSC = 3.3nF; ROSC = 10K
(see Fig. 1)
0.8
1.4
2
s
Vreset
Reset Threshold Voltage
1
V
INTERFACE TIMING
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
t1
SCK Data Clock Cycle
(see Fig. 2)
200
ns
t2
SCK Data Set-upTime
30
ns
t3
SCK Data Hold Time
20
ns
t4
SCK-STB Interval Time
30
ns
t5
STB Pulse Width
100
ns
Note 1: No output loaded; all register to low condition; no reset applied; V P = 26.5V; V S = 5.5V
Note 2: The effect of the internal filter (RC Network) is not considered.
Figure 2: Interface Timing (Serial loading Mode)
Figure 1: Discharge time tdsc or Protection Time
µ
Serial
Input Data
b15
D15
b14
b13
b12
b11
b10
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
D0
D3
D2
D1
D0
D3
D2
D1
D0
D3
D2
D1
D0
D3
D2
D1
D0
Register 4
Register 3
Register 2
Register 1
L6285
5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com