Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6285 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6285
Description  3 CHANNELS MULTIPOWER SYSTEM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6285 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6285 Datasheet HTML 2Page - STMicroelectronics L6285 Datasheet HTML 3Page - STMicroelectronics L6285 Datasheet HTML 4Page - STMicroelectronics L6285 Datasheet HTML 5Page - STMicroelectronics L6285 Datasheet HTML 6Page - STMicroelectronics L6285 Datasheet HTML 7Page - STMicroelectronics L6285 Datasheet HTML 8Page - STMicroelectronics L6285 Datasheet HTML 9Page - STMicroelectronics L6285 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
BLOCK DIAGRAM DESCRIPTION
(see Block Diagram)
Inside the I.C. there are two unipolar stepper mo-
tor drivers, one bridge driver for DC motor, 4x4 bit
latch registers, one shift register. the input logic,
the charge pump, and the thermal protection.
The following conditions are valid for all the 3
driver sections:
1)When the osc/res pin is tied to GND, an inter-
nal reset signal is generated which switches
off all the outputs and resets the internal reg-
isters.
2)The conditions 1 is valid also during power on
and power off transitions.
3)During power on and power off, the I.C. is
safe for any conditions of VS and Vp
3)If Vp is present and VS desappears, the out-
puts are switched off.
Input Logic
The input CMOS logic interfaces the microproces-
sor logic to the 4 registers. An integrated Schmitt-
trigger circuit is used to improve noise immunity
at each logic input.
The data is introduced in the 16bit shift register by
the SID pin. The first bit b 15 after 16 clock ap-
plied to SCK pin will be the D15 of the shift regis-
ter.
On the falling edge of STB the 16 bits of the shift
register are transferred to the outputs of the 4
latch registers. Fig 2 shows the timing.
CHA and CHB Stepper Motor Drivers
REGISTER 1
D0
D1
D2
D3
=
=
=
=
PHASE 1A
NPHASE 2A
PHASE 3A
NPHASE 4A
CHANNEL A
CHANNEL A
CHANNEL A
CHANNEL A
REGISTER 2
D0
D1
D2
D3
=
=
=
=
PHASE 1B
NPHASE2B
PHASE 3B
NPHASE4B
CHANNEL B
CHANNEL B
CHANNEL B
CHANNEL B
REGISTER 3
D0
D1
D2
D3
=
=
=
=
D/A CHANNEL A
D/A CHANNEL A
D/A CHANNEL B
D/A CHANNEL B
LEAST
MOST
LEAST
MOST
REGISTER 4
D0
D1
D2
D3
=
=
=
=
INPUT 1
INPUT 2
V2 VOLTAGE
V2 VOLTAGE
CHANNEL C
CHANNEL C
CHANNEL C
CHANNEL C
Registers
The Combo Motor Driver controls the 3 channels using 4 latch registers of 4 bit each:
D0
D1
D2
D3
OUT1 A/B
OUT2 A/B
OUT3 A/B
OUT4 A/B
0
1
1
0
0
0
0
0
1
0
0
0
0
1
1
1
0
0
0
0
1
1
1
0
0
0
0
0
0
0
0
0
0
1
1
1
OFF
ON
ON
OFF
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
ON
ON
ON
OFF
OFF
OFF
OFF
ON
ON
ON
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
OFF
ON
ON
ON
ALL THE OTHERS
OFF
OFF
OFF
OFF
Register 1/2 Output Status (CHA and CHB) . See note 1
DO
D1
REFER. VOLT AGE CHANNEL A
0
0
1
1
0
1
0
1
0.125 V
0.250 V
0.375 V
0.500 V
Register 3 Current Reference (D/A OUTPUT)
D2
D3
REFER. VOLTAGE CHANNEL B
0
0
1
1
0
1
0
1
0.125 V
0.250 V
0.375 V
0.500 V
L6285
6/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com