Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6280 Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6280
Description  THREE CHANNELS MULTIPOWER DRIVER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6280 Datasheet(HTML) 2 Page - STMicroelectronics

  L6280 Datasheet HTML 1Page - STMicroelectronics L6280 Datasheet HTML 2Page - STMicroelectronics L6280 Datasheet HTML 3Page - STMicroelectronics L6280 Datasheet HTML 4Page - STMicroelectronics L6280 Datasheet HTML 5Page - STMicroelectronics L6280 Datasheet HTML 6Page - STMicroelectronics L6280 Datasheet HTML 7Page - STMicroelectronics L6280 Datasheet HTML 8Page - STMicroelectronics L6280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VS
Power Supply Voltage (Note A)
35
V
VSS
Logic Supply Voltage
7
V
V13
Pin 13 Input Voltage (Note B)
60
V
VDHS
High Side Out Transistor Driving Voltage (Note B,C)
18
V
VO
Output Voltage. CH1; CH2: Unipolar Motor Drive (Note D)
CH3
60
60
V
V
VOD
Differential Output Voltage CH1; CH2; Full Bridge Configuration (Note E)
60
V
Vsense
Sensing Voltage
-1 to 2
V
VI
Logic Input Voltage
-0.3 to VSS +0.3
V
ILSD
Low Side Driver Input Current
CH1; CH2
DC Operation
Peak (Note F)
CH3
DC Operation
Peak (Note G)
0.7
2
3
4.4
A
A
A
A
IHSD
High Side Driver Onput Current
CH1; CH2
DC Operation
Peak (Note F)
CH3
DC Operation
Peak (Note G)
1
2
3
4.4
A
A
A
A
ISSOUT
SMPS Output Current (Continuous)
(Peak; TON < 5ms)
1
2
A
A
IRES
Reset Output Open Drain Input Current
16
mA
Ptot
Total Power Dissipation atTamb = 70
°C (Note H)
1.6
W
Tstg;Tj
Storage an Junction Temperature Range
-40 to 150
°C
Notes: A) D0 = D1 = D2 = D3 =0; B) V13 = VS +VDHS; C) At 20V > VDHS > 17V the input current at pin 13 must be < 30mA;
D) D0 = 1; D1 = D2 = D3 = 0; E) D1 = 1; D0 = X; D2 = D3 = 0; F) The pulse width must be < 5ms and the Duty Cycle must be < 10%
G) The pulse width must be <5ms and the Duty Cycle must be < 6%; H) mounted on board with minimized dissipating copper area.
THERMAL DATA
Symbol
Description
Value
Unit
Rth j-pins
Rth j-amb
Thermal Resistance Junction-pins
Thermal Resistance Junction-ambient (*)
Max.
Max.
12
50
°C/W
°C/W
(*) Mounted on board with minimized dissipating copper area.
PIN CONNECTION (top view)
L6280
2/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com