Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6280 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6280
Description  THREE CHANNELS MULTIPOWER DRIVER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6280 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6280 Datasheet HTML 7Page - STMicroelectronics L6280 Datasheet HTML 8Page - STMicroelectronics L6280 Datasheet HTML 9Page - STMicroelectronics L6280 Datasheet HTML 10Page - STMicroelectronics L6280 Datasheet HTML 11Page - STMicroelectronics L6280 Datasheet HTML 12Page - STMicroelectronics L6280 Datasheet HTML 13Page - STMicroelectronics L6280 Datasheet HTML 14Page - STMicroelectronics L6280 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Digital/Analog Converters (DACs)
The output current levels are programmed by
5DACs each with 3 bit resolution. Channels 1 and
2 each have 2 DACs, one for the left part of the
output stage and the other for the right part.
When the output stage is used to drive only one
load (as with DC motors), the L6280 uses only
the right register. Channel 3 has only 1 DAC.
Microstepping operation is easily performed with
channels 1 and 2. The value of each DAC can be
changed in two ways:
a) the new value can be directly generated by
the microprocessor and then loaded into the
specified DAC;
b) the value of a DAC can be incremented or
decremented by 1; in this case the microproc-
essor during acceleration or deceleration has
only to indicate the DAC on which operate
and the type of the operation, reducing the
CPU’s burden.
The correspondence between the DAC value and
the Vref level is shown in table 1.
Table 1
D2
D1
D0
Vref
UNIT
11
1
1
V
1
1
0
0.875
V
1
0
1
0.75
V
1
0
0
0.625
V
0
1
1
0.5
V
0
1
0
0.375
V
0
0
1
0.25
V
0
0
0
0.125
V
Iload = 0 is obtained by disabling all low-side driv-
ers.
Turn ON/OFF Characteristics and Program Se-
quence
During power-on the Switchmode Power Supply
output stage is turned OFF till VS reaches VPFth.
The pin Reset Out is held low and remains low till
VSS is < VSSFth (the power stages and the logic of
the L6280 are disabled.
Not correct signals coming from the microproces-
sor are then ignored; the microprocessor on the
other hand, receives a low state signal from the
Reset Out pin. When the VSS output is stabilized
during a delay tD set by the CD capacitor, the pin
Reset Out goes to the high level; the microproc-
essor is enabled to work while the L6280 is in
stand-by waiting for a keyword and initialization
sequence. Every command that arrives before the
keyword is ignored. At this time the programming
sequence can start according to the flow diagram
(Fig. 12).
At first the Keyword (00111010) has to be sent to
the L6280 to activate the watch - dog function
that begins to control the microprocessor func-
tionality. From this moment the microprocessor
must send periodically the Watch-dog word
(00110101) otherwise its absence is interpreted
as a microprocessor failure: to prevent any dam-
age both in the load and in the IC, the L6280 itself
disables the power stages. No reset signal is gen-
erated towards the CPU; the system must restart
the sequence from Power-ON.
The next step is to set the configuration of chan-
nel 1 and channel 2 output stages by the initiali-
zation word. The configuration can be chosen to
fit in the load characteristics. To do this the micro-
processor generates a word with A0, A1 = 0 and
where A2, A3 choose the channel to be config-
ured, D0 to D3 choose the type of configuration
(unipolar, dual half bridge or full bridge; see Data
and Address decoding). Every input configuration
different from the allowed initialization word is ig-
nored.
When the initialization arrives, the L6280 sets the
configuration of the output stage of the chosen
channel. The initialization word has to be re-
peated for the other channel (CH1 or CH2 only). If
two initializations arrive for the same channel, the
L6280 disables the output stages while pin Reset
Out goes low for a time Td to advise the mocro-
processor about the uncorrect condition. The pro-
gram sequence must restart from the Keyword
step. After the initialization step is succesfully
completed the L6280 begins to accept com-
mands. If a command is sent before the relative
channel has been configured, the command is
neglected.
Command can be of three type:
a - selection of current level loading a DAC;
b - increment or decrement of a DAC;
c - selection of the driving strategy of a channel
(e.g. half/full step, fast/slow decay and so on).
To select the current level is necessary to load a
value into the appropriate DAC. The microproces-
sor must select the channel via A2, A3 and (only
for channel 1 and 2) left or right DAC via D3; the
value of D0,....D2 are loaded in the chosen DAC.
There are two possibilities of changing the value
of a DAC; the first one is to load directly the new
value, the second one is to cause an increment or
a decrement in a DAC, in this way the burden of
the microprocessor can be partially decreased
generating inc/dec command without calculating
the value.
To increment od decrement a DAC the microproc-
essor must select the channel via A2,A3, left or
right DAC and the operation via D0 to D3 accord-
ing to truth table in Datas and Address Decoding
(see below). The increment or decrement is done
immediately after the arrive of the command. For
every configuration of the output stages are pos-
sible different type of driving strategy explained in
Datas and Address Decoding.
L6280
11/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com