Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6280 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6280
Description  THREE CHANNELS MULTIPOWER DRIVER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6280 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6280 Datasheet HTML 16Page - STMicroelectronics L6280 Datasheet HTML 17Page - STMicroelectronics L6280 Datasheet HTML 18Page - STMicroelectronics L6280 Datasheet HTML 19Page - STMicroelectronics L6280 Datasheet HTML 20Page - STMicroelectronics L6280 Datasheet HTML 21Page - STMicroelectronics L6280 Datasheet HTML 22Page - STMicroelectronics L6280 Datasheet HTML 23Page - STMicroelectronics L6280 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Figure 25: Characteristics of the Transformer T1.
TYPICAL PARAMETERS
N1
L1 = 560
µH
R1 = 680m
Ω
@ 1KHz
N2
L2 = 300
µH
R2 = 1.5
Ω
@ 1KHz
Figure 26: Charge Pump Voltage vs. Supply Voltage by using the transformer shown on Figure 25
N1: 118 tourns, copper wire
∅ 0.35mm
N2: 88 tourns, copper wire
∅ 0.2mm
L6280
20/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com