Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6280 Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6280
Description  THREE CHANNELS MULTIPOWER DRIVER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6280 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6280 Datasheet HTML 15Page - STMicroelectronics L6280 Datasheet HTML 16Page - STMicroelectronics L6280 Datasheet HTML 17Page - STMicroelectronics L6280 Datasheet HTML 18Page - STMicroelectronics L6280 Datasheet HTML 19Page - STMicroelectronics L6280 Datasheet HTML 20Page - STMicroelectronics L6280 Datasheet HTML 21Page - STMicroelectronics L6280 Datasheet HTML 22Page - STMicroelectronics L6280 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
Ratings of 35V:a max value of 33V is reccom-
mended.
In this case, at each couple of outputs for the bi-
polar windings, a snubber network must be con-
nected. This network is done by the series of a re-
sistor and of one capacitor:
Rsnub =VS max/Imotor peak;
Csnub = Imotor peak/ (dv/dt)
One dv/dt of 200V/
µsec is generally a correct
choice.
Of course, care must be taken in the Printed Cir-
cuit Board design regarding the ground paths and
the high current loops.
An example of P.C.B. layout is shown in Figure
29ab; Figure 30 shows the Schematic Diagram of
the circuit of the L6280 S.P.D. S.AB.
The driving signals useful for this board can be
easily generated by using an additional board
(EMU KIT 512) not described here.
On Figure 29a it can be observed the copper area
near the I.C. is used to sink out the heat from the
device. Useful thermal characteristics of the
L6280 are shown in Figure 31 and 32.
Figure 24: Application Test Circuit of the L6280
L6280
19/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com