Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6280 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6280
Description  THREE CHANNELS MULTIPOWER DRIVER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6280 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6280 Datasheet HTML 9Page - STMicroelectronics L6280 Datasheet HTML 10Page - STMicroelectronics L6280 Datasheet HTML 11Page - STMicroelectronics L6280 Datasheet HTML 12Page - STMicroelectronics L6280 Datasheet HTML 13Page - STMicroelectronics L6280 Datasheet HTML 14Page - STMicroelectronics L6280 Datasheet HTML 15Page - STMicroelectronics L6280 Datasheet HTML 16Page - STMicroelectronics L6280 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
A0 A1
1 1 This configuration is used to cause an incre-
ment or a decrement of a DAC. Right or
left DAC and inc/dec are selected by
D0 to D3 value.
A2, A3 DECODING (Channel Selection)
Every time a command or a initialization is sent to
the L6280, a channel must be selected. This is
done via A2 and A3 according to the table.
A2
A3
0
1
Select channel 2
1
0
Select channel 1
1
1
Select channel 3
0
0
Used only with keyword and watchdog
D0 to D3 DECODING (Datas)
The meaning of D0,
D3 changes according to
the value of A0, A1
A0 A1
0 0 When A0, A1 are in this configuration, and
channel 1 or 2 is selected, the data appear-
ing in D0 to D3 set the output power stage
configuration to fit the chosed load accord-
ing to the allowed Truth Table. There is no
need to configure channel 3.
D3
D2
D1
D0
Possible configurations for
channels 1 and 2
0
0
0
0
Null (power disabled)
a
0
0
0
1
Unipolar motor
b
0
0
1
0
Full Bridge
c
0
0
1
1
Dual Half Bridge
b) Full Bridge Configuration
a) Unipolar Motor Configuration
In this configuration D0 to D3 directly drive the low side drives:
D3
D2
D1
D0
Configurations
0
000
Low side drivers 1,2,3,4 OFF
0
001
Low side drivers 2,3,4 OFF
Low side driver 1 ON
0
010
Low side drivers 1,3,4 OFF
Low side driver 2 ON
0
100
Low side drivers 1,2,4 OFF
Low side driver 3 ON
0
101
Low side drivers 2,4 OFF
Low side drivers 1,3 ON
0
110
Low side drivers 1,4 OFF
Low side drivers 2,3 ON
1
000
Low side drivers 1,2,3 OFF
Low side driver 4 ON
1
001
Low side drivers 2,3 OFF
Low side drivers 1,4 ON
1
010
Low side drivers 1,3 OFF
Low side driver 2,4 ON
The following configurations are not allowed: the microprocessor does not to generate them otherwise
they can cause faulty operations.
D3
D2
D1
D0
0
011
Always not allowed
0
111
1
011
1
100
1
101
1
110
1
111
This configuration is not allowed when driving a unipolar motor and it is
permitted only to drive a high current solenoid.
L6280
13/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com