Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6280 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6280
Description  THREE CHANNELS MULTIPOWER DRIVER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6280 Datasheet(HTML) 3 Page - STMicroelectronics

  L6280 Datasheet HTML 1Page - STMicroelectronics L6280 Datasheet HTML 2Page - STMicroelectronics L6280 Datasheet HTML 3Page - STMicroelectronics L6280 Datasheet HTML 4Page - STMicroelectronics L6280 Datasheet HTML 5Page - STMicroelectronics L6280 Datasheet HTML 6Page - STMicroelectronics L6280 Datasheet HTML 7Page - STMicroelectronics L6280 Datasheet HTML 8Page - STMicroelectronics L6280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
PINS
NAME
FUNCTIONS
1VS
Power Supply Voltage Input
2
HSD 1
High Side CH 3 Power Output
3
SMPS OUT
Output of Switchmode Power Supply
4
HSD 1
High Side CH 1 Power Output
5
HSD 2
High Side CH 1 Power Output
6, 7,17,29,
39, 40
GND
Common Grounded Terminal
8
LSD 1A
Low Side CH 1 Power Output
9
LSD 2A
Low Side CH 1 Power Output
10
SENSE 1
A Resistor Rsense, connected to this pin allows load current control for CH 1
11
LSD 1B
Low Side CH 1 Power Output
12
LSD 2B
Low Side CH 1 Power Output
13
VS +VDHS
Input Voltage for the HSD Gates Drive
14
VSS
Logic Supply Voltage Input
15
Comp.
An RC series network allows the compensation of the SMPS regulation loop
16
RES OUT
The reset open drain output can be used to warn the microprocessor about VS
and VSS status
18
ROSC
Together with COSC, sets the cycle time of the SMPS t = 1.1 ROCO
19
COSC
Together with COSC, sets the cycle time of the SMPS t = 1.1 ROCO and sets the
minimum ON time in the PWM current control loop
20
CD
The value of this capacitor sets the reset delay tD =7 x 10
4 CD
21
VDLS
By-pass Capacitor of the LSD Gates Voltage drive
22
tWD
The value of this CWD sets the duration of the watchdog monostable tWD =3 x 10
4 CWD.
If no watchdog signal is generated into the TWD time the device is automatically
switched off.
23
CS
Enable Input (active when low)
24
WR
Write Input. When WR is low the data is loaded into the
µP interface
25
A0
Operation Selection (see programming sequence).
26
A1
Operation Selection (see programming sequence).
27
A2
Channel Selection (see programming sequence).
28
A3
Channel Selection (see programming sequence).
30
D0
Data (see programming sequence).
31
D1
Data (see programming sequence).
32
D2
Data (see programming sequence).
33
D3
Data (see programming sequence).
34
LSD 2B
Low Side CH 2 Power Output
35
LSD 1B
Low Side CH 2 Power Output
36
SENSE 2
A Resistor Rsense, connected to this pin allows load current control for CH 2
37
LSD 2A
Low Side CH 2 Power Output
38
LSD 1A
Low Side CH 2 Power Output
41
HSD 2
High Side CH 2 Power Output
42
HSD 1
High Side CH 2 Power Output
43
SENSE 3
A Resistor Rsense, connected to this pin allows load current control for CH 3
44
LSD 1
Low Side CH 3 Power Output
PIN DESCRIPTION
L6280
3/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com