Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6280 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6280
Description  THREE CHANNELS MULTIPOWER DRIVER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6280 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6280 Datasheet HTML 11Page - STMicroelectronics L6280 Datasheet HTML 12Page - STMicroelectronics L6280 Datasheet HTML 13Page - STMicroelectronics L6280 Datasheet HTML 14Page - STMicroelectronics L6280 Datasheet HTML 15Page - STMicroelectronics L6280 Datasheet HTML 16Page - STMicroelectronics L6280 Datasheet HTML 17Page - STMicroelectronics L6280 Datasheet HTML 18Page - STMicroelectronics L6280 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Figure 13
Figure 14
Figure 15
D0
D1
D2
D3
X
001
Chopper left side; fixed
right side (one phase
chopping)
The left side of the bridge is controlled by the
PWM loop while HSD2 is held OFF and LSD2A
and 2B are held ON. During ON time (Q low) the
current flows thrugh HSD1, motor winding and
LSD2A and 2B. During OFF time the current can
recirculate through LSD1A, 1B, 2A and 2B (Fig.
15)
D0
D1
D2
D3
X
0
0
0
Tristate left and right
All output DMOSs of the channel are OFF (Fig.
14)
D0
D1
D2
D3
X0
1
0
hopper right side, fixed
left side (one phase
chopping)
As above but with the two channel exchanged
each to other (Fig. 16).
Figure 16
D0
D1
D2
D3
X0
1
1
Fixed both left and right
(brake action)
All High side drivers are held OFF while all low
side drivers are held ON. The motor winding is
short circuited through the low side drivers; the
motor’s back EMF acts as a brake voltage (Fig.
17).
L6280
15/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com