Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6280 Datasheet(PDF) 12 Page - STMicroelectronics

Part # L6280
Description  THREE CHANNELS MULTIPOWER DRIVER SYSTEM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6280 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L6280 Datasheet HTML 8Page - STMicroelectronics L6280 Datasheet HTML 9Page - STMicroelectronics L6280 Datasheet HTML 10Page - STMicroelectronics L6280 Datasheet HTML 11Page - STMicroelectronics L6280 Datasheet HTML 12Page - STMicroelectronics L6280 Datasheet HTML 13Page - STMicroelectronics L6280 Datasheet HTML 14Page - STMicroelectronics L6280 Datasheet HTML 15Page - STMicroelectronics L6280 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Data and Address Decoding
SPECIAL WORDS
A3
A2
A1
A0
D3
D2
D1
D0
0011
101
0
KEYWORD
This word is used during the start-up procedure to
enable operations; all settings arrived before the
keyword are reset.
A3
A2
A1
A0
D3
D2
D1
D0
0011
010
1
WATCHDOG
The microprocessor must periodically generate
this word; the value of the maximum period is set
by the capacitor CD. The absence of the Watch-
dog is interpreted by L6280 as a microprocessor
failure. The maximum period is:
TWD =CD x 1.5 / ( 50 x 10E-6)
Except for special words (keyword and watch-
dog), the input words are organized like the fol-
lowing:
A0 A1
Operation selection
A2 A3
Channel selection
D0 D1 D2 D3 Datas
A0,A1 DECODING (OPERATION SELECTION)
A0,A1select the type of operation (channel initiali-
zation, commands, DACs loading, DAC in-
crement/decrement).
A0 A1
0 0 This configuration is used to send the infor-
mation about the configuration of the
vchannel specified by A3 and A2; D0 to D3
are used to specify the configuration of the
channel (full bridge, dual half bridge, unipo-
lar motor).
A0 A1
1
0 This configuration is used to change driv-
ing strategy of the output stages of the
channel specified by A3 and A2 (full/half
step, slow/fast decay and so on). The driv-
ing strategy is coded in D0 to D3, and de-
pends from the configuration of the output
stage.
A0 A1
0 1 This configuration is used to load the value
of a DAC of the channel selected by A3
and A2. D3 indicates right and left DAC
just for channel 1 and 2.
Figure 12: Program Sequence
L6280
12/26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com