Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL133-37TC Datasheet (PDF) - Micrel Semiconductor

PL133-37TC Datasheet PDF - Micrel Semiconductor
Part # PL133-37TC
Download  PL133-37TC Download
File Size   214.29 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low-Power, 1.62V to 3.63V, 1MHz to 150MHz, 1:3 Fanout Buffer IC

PL133-37TC Datasheet (PDF)

Go To PDF Page Download Datasheet
PL133-37TC Datasheet PDF - Micrel Semiconductor

Part # PL133-37TC
Download  PL133-37TC Click to download

File Size   214.29 Kbytes
Page   5 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Low-Power, 1.62V to 3.63V, 1MHz to 150MHz, 1:3 Fanout Buffer IC

PL133-37TC Datasheet (HTML) - Micrel Semiconductor


PL133-37TC Product details

FEATURES
• 3 LVCMOS Outputs
• 12mA Output Drive Strength
• Input/Output Frequency:
o Reference Clock: 1MHz to 150MHz
• Supports LVCMOS or Sine Wave Input Clock
• Very Low Jitter and Phase Noise
• Low Current Consumption
• Single 1.8V, 2.5V, or 3.3V, ±10% Power Supply
• Operating Temperature Range
o 0°C to 70°C (Commercial)
o -40°C to 85°C (Industrial)
• Available in SOT23-6L GREEN/RoHS Compliant Packages

DESCRIPTION
The PL133-37 is an advanced fanout buffer design for high performance, low-power, small form-factor applications. The PL133-37 accepts a reference clock input of 1MHz to 150MHz and produces three outputs of the same frequency. Reference clock in-puts may be LVCMOS or sine-wave signals (the in-puts are internally AC-coupled). Offered in a small 3mm x 3mm SOT23, the PL133-37 offers the best phase noise and jitter performance and lowest power consumption of any comparable IC.




Similar Part No. - PL133-37TC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PL133-37TI-R MICROCHIP-PL133-37TI-R Datasheet
214Kb / 5P
Low-Power, 1.62V to 3.63V, 1MHz to 150MHz, 1:3 Fanout Buffer IC
More results


Similar Description - PL133-37TC

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8343 ICST-ICS8343 Datasheet
185Kb / 7P
Low Skew 1-to-16 Fanout Buffer
ICS8343I ICST-ICS8343I Datasheet
104Kb / 9P
LOW SKEW 1-TO-16 FANOUT BUFFER
REV. B MARCH 8, 2001
logo
Exar Corporation
XR16M554 EXAR-XR16M554 Datasheet
867Kb / 46P
1.62V TO 3.63V QUAD UART WITH 16-BYTE FIFO
XR16M564 EXAR-XR16M564 Datasheet
1Mb / 55P
1.62V TO 3.63V QUAD UART WITH 32-BYTE FIFO
logo
Integrated Device Techn...
ICS854S013 IDT-ICS854S013 Datasheet
670Kb / 14P
LOW SKEW, DUAL, 1-TO-3 DIFFERENTIAL-TO-LVDS FANOUT BUFFER
logo
Exar Corporation
XR16M2750IM48-F EXAR-XR16M2750IM48-F Datasheet
1,005Kb / 53P
1.62V TO 3.63V HIGH PERFORMANCE DUART WITH 64-BYTE FIFO
XR16M654DIV-0B EXAR-XR16M654DIV-0B Datasheet
1Mb / 58P
1.62V TO 3.63V QUAD UART WITH 64-BYTE FIFO
logo
Microchip Technology
PL133-47 MICROCHIP-PL133-47 Datasheet
2Mb / 20P
Low-Power DC to 150 MHz 1:4 Fanout Buffer IC
Revision A (April 2022)
PL133-67 MICROCHIP-PL133-67 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:6 Fanout Buffer IC
Revision A (April 2022)
PL133-97 MICROCHIP-PL133-97 Datasheet
2Mb / 18P
Low-Power DC to 150 MHz 1:9 Fanout Buffer IC
Revision A (April 2022)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com