Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD720114 Datasheet (PDF) - Renesas Technology Corp

UPD720114 Datasheet PDF - Renesas Technology Corp
Part # UPD720114
Download  UPD720114 Download
File Size   581.6 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ECOUSBTM Series USB 2.0 HUB CONTROLLER

UPD720114 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD720114 Datasheet PDF - Renesas Technology Corp

Part # UPD720114
Download  UPD720114 Click to download

File Size   581.6 Kbytes
Page   36 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description ECOUSBTM Series USB 2.0 HUB CONTROLLER

UPD720114 Datasheet (HTML) - Renesas Technology Corp


UPD720114 Product details

FEATURES
• Compliant with Universal Serial Bus Specification Revision 2.0 (Data Rate 1.5/12/480 Mbps)
• High-speed or full-speed packet protocol sequencer for Endpoint 0/1
• 4 (Max.) downstream facing ports
• Low power consumption (10 μA when hub in idle status, 149 mA when all parts run in HS mode)
• All downstream facing ports can handle high-speed (480 Mbps), full-speed (12 Mbps), and low-speed (1.5 Mbps) transaction.
• Supports split transaction to handle full-speed and low-speed transaction on downstream facing ports when Hub controller is working in high-speed mode.
• One Transaction Translator per Hub and supports four non-periodic buffers
• Supports self-powered and bus-powered mode
• Supports individual or global over-current detection and individual or ganged power control
• Supports downstream port status with LED
• Supports non-removable devices by I/O pin configuration
• Support Energy Star for PC peripheral system
• On chip Rpu, Rpd resistors and regulator (for core logic)
• Use 30 MHz crystal
• 3.3 V power supply




Similar Part No. - UPD720114

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720114 NEC-UPD720114 Datasheet
300Kb / 32P
MOS INTEGRATED CIRCUIT
UPD720114GA-9EU-A NEC-UPD720114GA-9EU-A Datasheet
300Kb / 32P
MOS INTEGRATED CIRCUIT
UPD720114GA-9EU-A NEC-UPD720114GA-9EU-A Datasheet
271Kb / 32P
MOS INTEGRATED CIRCUIT
UPD720114GA-YEU-A NEC-UPD720114GA-YEU-A Datasheet
271Kb / 32P
MOS INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPD720114K9 RENESAS-UPD720114K9 Datasheet
467Kb / 36P
Old Company Name in Catalogs and Other Documents
More results


Similar Description - UPD720114

ManufacturerPart #DatasheetDescription
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
USB 2.0 HUB CONTROLLER
logo
SMSC Corporation
USB2502 SMSC-USB2502 Datasheet
1Mb / 44P
2-Port USB 2.0 Hub Controller
logo
GENESYS LOGIC
GL852 GENESYS-GL852 Datasheet
498Kb / 31P
USB 2.0 MTT HUB Controller
GL850A GENESYS-GL850A Datasheet
385Kb / 29P
USB 2.0 Low-Power HUB Controller
GL850G GENESYS-GL850G Datasheet
314Kb / 25P
USB 2.0 HUB Controller
logo
SMSC Corporation
USB2517 SMSC-USB2517 Datasheet
1Mb / 72P
USB 2.0 Hi-Speed Hub Controller
USB2512B-AEZG SMSC-USB2512B-AEZG_12 Datasheet
1Mb / 63P
USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2512B-AEZG-TR MICROCHIP-USB2512B-AEZG-TR Datasheet
861Kb / 63P
USB 2.0 Hi-Speed Hub Controller
Revision 2.2 02-17-12
USB2502 MICROCHIP-USB2502 Datasheet
698Kb / 40P
2-Port USB 2.0 Hub Controller
06/23/16
USB2512B MICROCHIP-USB2512B Datasheet
887Kb / 57P
USB 2.0 Hi-Speed Hub Controller
07/14/15
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com