Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2510BMU33 Datasheet (PDF) - StarTech.com Ltd.

S2510BMU33 Datasheet PDF - StarTech.com Ltd.
Part # S2510BMU33
Download  S2510BMU33 Download
File Size   144.34 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 2.5in Aluminum USB 3.0 External SATA III SSD Hard Drive Enclosure with UASP – Portable External HDD

S2510BMU33 Datasheet (PDF)

Go To PDF Page Download Datasheet
S2510BMU33 Datasheet PDF - StarTech.com Ltd.

Part # S2510BMU33
Download  S2510BMU33 Click to download

File Size   144.34 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 2.5in Aluminum USB 3.0 External SATA III SSD Hard Drive Enclosure with UASP – Portable External HDD

S2510BMU33 Datasheet (HTML) - StarTech.com Ltd.


S2510BMU33 Product details

Applications
Take advantage of new laptops and desktops with USB 3.0 (UASP) connectivity
Create a fast, portable external storage solution for desktops, laptops or netbooks
Upgrade from a USB 2.0 drive enclosure to faster USB 3.0
Add extra storage to almost any USB enabled computer system
Back up important data to an external storage device
Share large files between computers quickly and securely without a network
Retrieve data from old SATA drive, or turn the unused drive into additional external storage space

Features
Compliant with USB Attached SCSI Protocol (UASP) Transport Specifications
Compatible with SATA revision I/II/III (1.5/3.0/6.0 Gbps) drives
Light weight and durable aluminum enclosure
Powered directly from the USB port
SuperSpeed USB 3.0 compliant host interface supporting data transfer rates up to 5Gbps
High Speed USB 2.0 compliant host interface, with transfer rates up to 480Mbps
Power/Activity LED indicator
Plug-and-Play and Hot-Swap compatible




Similar Part No. - S2510BMU33

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S25100 MICROSEMI-S25100 Datasheet
120Kb / 2P
Silicon Power Rectifier
S25100 MICROSEMI-S25100 Datasheet
137Kb / 2P
SILICON POWER RECTIFIER
More results


Similar Description - S2510BMU33

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U338000SATA TRIPPLITE-U338000SATA Datasheet
510Kb / 2P
USB 3.0 SuperSpeed to SATA III Adapter for 2.5in or 3.5in SatA Hard Drives
U339000 TRIPPLITE-U339000 Datasheet
504Kb / 2P
USB 3.0 SuperSpeed to SATA External Hard Drive Docking Station for 2.5in or 3.5in HDD
U339002 TRIPPLITE-U339002 Datasheet
531Kb / 2P
USB 3.0 SuperSpeed to Dual SATA External Hard Drive Docking Station with Cloning for 2.5in-3.5in HDD
U357025R TRIPPLITE-U357025R Datasheet
527Kb / 2P
USB 3.0 SuperSpeed External 2.5 SatA III Hard Drive Enclosure with Built-in Cable
U338-06N-SATA-B TRIPPLITE-U338-06N-SATA-B Datasheet
169Kb / 3P
USB 3.0 SuperSpeed to SATA III Adapter Cable with UASP, 2.5 in. SATA Hard Drives, Black
U357-025-2 TRIPPLITE-U357-025-2 Datasheet
171Kb / 3P
Dual-Bay USB 3.0 SuperSpeed to 2.5 in. SATA III Portable Hard Drive RAID Enclosure with UASP Support
U357-025-SEC TRIPPLITE-U357-025-SEC Datasheet
173Kb / 3P
USB 3.0 SuperSpeed to 2.5 in. SATA III Encrypted Hard Drive Enclosure with Keypad Lock and UASP Support
U357-025-UASP TRIPPLITE-U357-025-UASP Datasheet
164Kb / 3P
USB 3.0 SuperSpeed External 2.5 in. SATA Hard Drive Enclosure with Built-In Cable and UASP Support
logo
Coolgear Inc.
USB3-25APBB COOLGEAR-USB3-25APBB Datasheet
307Kb / 2P
SATA II to USB 3.0 Portable Black 2.5 Inch External Enclosure
USB3-25APBS COOLGEAR-USB3-25APBS Datasheet
251Kb / 2P
SATA II to USB 3.0 Portable Black 2.5 Inch External Enclosure
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com