Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2510BMU33 Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # S2510BMU33
Description  2.5in Aluminum USB 3.0 External SATA III SSD Hard Drive Enclosure with UASP – Portable External HDD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

S2510BMU33 Datasheet(HTML) 1 Page - StarTech.com Ltd.

  S2510BMU33 Datasheet HTML 1Page - StarTech.com Ltd. S2510BMU33 Datasheet HTML 2Page - StarTech.com Ltd. S2510BMU33 Datasheet HTML 3Page - StarTech.com Ltd. S2510BMU33 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2.5in Aluminum USB 3.0 External SATA III SSD Hard Drive Enclosure with UASP – Portable External HDD
StarTech ID: S2510BMU33
The SAT2510BMU33 USB 3.0 Hard Drive Enclosure with UASP lets you connect a 2.5in SATA III hard drive (HDD)
or solid state drive (SSD) through an available USB port. The enclosure delivers optimal performance with a USB
3.0 connection, but is backward compatible with USB 2.0/1.1 host connections as well.
Enhanced with UASP (USB Attached SCSI Protocol), this 2.5" SATA III enclosure performs up to 70% faster than
conventional USB 3.0 when paired with a UASP-enabled host controller. Using a more efficient protocol than the
traditional USB BOT (Bulk-Only Transport), UASP reduces latency, significantly increasing transfer speeds.
With support for SATA I/II/III, and large capacity drives (tested up to 1TB) this HDD enclosure is compatible with
virtually any 2.5in SATA hard drive, and greatly increase the storage/backup capabilities of your computer.
The USB 3.0/SATA III enclosure requires no external power adapter and features high quality aluminum construction,
ensuring both portability and durability when carried as a laptop accessory.
Backed by a StarTech.com 2-year warranty and free lifetime technical support.
Applications
Take advantage of new laptops and desktops with USB 3.0 (UASP) connectivity
Create a fast, portable external storage solution for desktops, laptops or netbooks
Upgrade from a USB 2.0 drive enclosure to faster USB 3.0
Add extra storage to almost any USB enabled computer system
Back up important data to an external storage device
Share large files between computers quickly and securely without a network
Retrieve data from old SATA drive, or turn the unused drive into additional external storage space
uk.startech.com
0800 169 0408


Similar Part No. - S2510BMU33

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S25100 MICROSEMI-S25100 Datasheet
120Kb / 2P
Silicon Power Rectifier
S25100 MICROSEMI-S25100 Datasheet
137Kb / 2P
SILICON POWER RECTIFIER
More results

Similar Description - S2510BMU33

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U338000SATA TRIPPLITE-U338000SATA Datasheet
510Kb / 2P
USB 3.0 SuperSpeed to SATA III Adapter for 2.5in or 3.5in SatA Hard Drives
U339000 TRIPPLITE-U339000 Datasheet
504Kb / 2P
USB 3.0 SuperSpeed to SATA External Hard Drive Docking Station for 2.5in or 3.5in HDD
U339002 TRIPPLITE-U339002 Datasheet
531Kb / 2P
USB 3.0 SuperSpeed to Dual SATA External Hard Drive Docking Station with Cloning for 2.5in-3.5in HDD
U357025R TRIPPLITE-U357025R Datasheet
527Kb / 2P
USB 3.0 SuperSpeed External 2.5 SatA III Hard Drive Enclosure with Built-in Cable
U338-06N-SATA-B TRIPPLITE-U338-06N-SATA-B Datasheet
169Kb / 3P
USB 3.0 SuperSpeed to SATA III Adapter Cable with UASP, 2.5 in. SATA Hard Drives, Black
U357-025-2 TRIPPLITE-U357-025-2 Datasheet
171Kb / 3P
Dual-Bay USB 3.0 SuperSpeed to 2.5 in. SATA III Portable Hard Drive RAID Enclosure with UASP Support
U357-025-SEC TRIPPLITE-U357-025-SEC Datasheet
173Kb / 3P
USB 3.0 SuperSpeed to 2.5 in. SATA III Encrypted Hard Drive Enclosure with Keypad Lock and UASP Support
U357-025-UASP TRIPPLITE-U357-025-UASP Datasheet
164Kb / 3P
USB 3.0 SuperSpeed External 2.5 in. SATA Hard Drive Enclosure with Built-In Cable and UASP Support
logo
Coolgear Inc.
USB3-25APBB COOLGEAR-USB3-25APBB Datasheet
307Kb / 2P
SATA II to USB 3.0 Portable Black 2.5 Inch External Enclosure
USB3-25APBS COOLGEAR-USB3-25APBS Datasheet
251Kb / 2P
SATA II to USB 3.0 Portable Black 2.5 Inch External Enclosure
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com