Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2510BMU33 Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # S2510BMU33
Description  2.5in Aluminum USB 3.0 External SATA III SSD Hard Drive Enclosure with UASP – Portable External HDD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

S2510BMU33 Datasheet(HTML) 2 Page - StarTech.com Ltd.

  S2510BMU33 Datasheet HTML 1Page - StarTech.com Ltd. S2510BMU33 Datasheet HTML 2Page - StarTech.com Ltd. S2510BMU33 Datasheet HTML 3Page - StarTech.com Ltd. S2510BMU33 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Features
Compliant with USB Attached SCSI Protocol (UASP) Transport Specifications
Compatible with SATA revision I/II/III (1.5/3.0/6.0 Gbps) drives
Light weight and durable aluminum enclosure
Powered directly from the USB port
SuperSpeed USB 3.0 compliant host interface supporting data transfer rates up to 5Gbps
High Speed USB 2.0 compliant host interface, with transfer rates up to 480Mbps
Power/Activity LED indicator
Plug-and-Play and Hot-Swap compatible
uk.startech.com
0800 169 0408



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com