Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S2510BMU33 Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # S2510BMU33
Description  2.5in Aluminum USB 3.0 External SATA III SSD Hard Drive Enclosure with UASP – Portable External HDD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

S2510BMU33 Datasheet(HTML) 3 Page - StarTech.com Ltd.

  S2510BMU33 Datasheet HTML 1Page - StarTech.com Ltd. S2510BMU33 Datasheet HTML 2Page - StarTech.com Ltd. S2510BMU33 Datasheet HTML 3Page - StarTech.com Ltd. S2510BMU33 Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Technical Specifications
Warranty
2 Years
Interface
USB 3.0
Number of Drives
1
Drive Size
2.5in
Drive Type
SATA
Drive Installation
Fixed
Fan(s)
No
Chipset ID
ASMedia - ASM1053
Drive Connectors
1 - SATA Data & Power Combo (7+15 pin) Female
Host Connectors
1 - USB 3.0 Micro-B (10 pin; SuperSpeed) Female
Type and Rate
USB 3.0 - 5 Gbit/s
Type and Rate
SATA III (6 Gbps)
RAID
No
Max Drive Capacity
Currently tested with up to 1TB 5400 RPM hard drives
OS Compatibility
Windows XP (32/64-bit)/ Server 2003 (32/64-bit)/ Server 2008 R2/ Vista (32/64-bit)/ 7
(32/64-bit)/ 8 (32/64-bit)
Mac OS X
Linux
Color
Black
Enclosure Type
Aluminum and Plastic
Max Drive Height
9.5 mm [0.4 in]
Product Length
120 mm [4.7 in]
Product Width
77 mm [3 in]
Product Height
15.5 mm [0.6 in]
Product Weight
130 g [4.6 oz]
LED Indicators
1 - Power & Activity
Power Adapter Included
USB-Powered
Operating Temperature
0°C to 40°C (32°F to 104°F)
Storage Temperature
-10°C to 65°C (14°F to 149°F)
Humidity
Operation Humidity: 10% ~ 90% RH
Storage Humidity: 5% ~ 95% RH
System and Cable
Requirements
Available USB port
Shipping (Package)
Weight
0.2 kg [0.5 lb]
uk.startech.com
0800 169 0408



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com